Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RG60FJE Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MC9S08RG60FJE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RG60FJE Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MC9S08RG60FJE Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 234 page
background image
Modes of Operation
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
Freescale Semiconductor
31
3.6
Stop Modes
One of three stop modes is entered upon execution of a STOP instruction when the STOPE bit in the
system option register is set. In all stop modes, all internal clocks are halted. If the STOPE bit is not set
when the CPU executes a STOP instruction, the MCU will not enter any of the stop modes and an illegal
opcode reset is forced. The stop modes are selected by setting the appropriate bits in SPMSC2.
Table 3-1 summarizes the behavior of the MCU in each of the stop modes.
3.6.1
Stop1 Mode
Stop1 mode provides the lowest possible standby power consumption by causing the internal circuitry of
the MCU to be powered down. To enter stop1, the user must execute a STOP instruction with the PDC bit
in SPMSC2 set and the PPDC bit clear. Stop1 can be entered only if the LVD reset is disabled
(LVDRE = 0).
When the MCU is in stop1 mode, all internal circuits that are powered from the voltage regulator are turned
off. The voltage regulator is in a low-power standby state, as are the OSC and ACMP.
Exit from stop1 is done by asserting any of the wakeup pins on the MCU: RESET, IRQ, or KBI1, which
have been enabled. IRQ and KBI pins are always active-low when used as wakeup pins in stop1 regardless
of how they were configured before entering stop1.
Upon wakeup from stop1 mode, the MCU will start up as from a power-on reset (POR). The CPU will take
the reset vector.
3.6.2
Stop2 Mode
Stop2 mode provides very low standby power consumption and maintains the contents of RAM and the
current state of all of the I/O pins. To select entry into stop2 upon execution of a STOP instruction, the user
must execute a STOP instruction with the PPDC and PDC bits in SPMSC2 set. Stop2 can be entered only
if LVDRE = 0.
Before entering stop2 mode, the user must save the contents of the I/O port registers, as well as any other
memory-mapped registers that they want to restore after exit of stop2, to locations in RAM. Upon exit from
stop2, these values can be restored by user software.
When the MCU is in stop2 mode, all internal circuits that are powered from the voltage regulator are turned
off, except for the RAM. The voltage regulator is in a low-power standby state, as is the ACMP. Upon entry
Table 3-1. Stop Mode Behavior
Mode
PDC
PPDC
CPU, Digital
Peripherals,
FLASH
RAM
OSC
ACMP
Regulator
I/O Pins
RTI
Stop1
1
0
Off
Off
Off
Standby
Standby
Reset
Off
Stop2
1
1
Off
Standby
Off
Standby
Standby
States
held
Optionally on
Stop3
0
Don’t
care
Standby
Standby
Off
Standby
Standby
States
held
Optionally on


Similar Part No. - MC9S08RG60FJE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RG60FJ MOTOROLA-MC9S08RG60FJ Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RG60FJE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com