Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RG60FJE Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC9S08RG60FJE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RG60FJE Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC9S08RG60FJE Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08RG60FJE Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 234 page
background image
Pins and Connections
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
22
Freescale Semiconductor
Figure 2-5. Basic System Connections
VDD
VSS
XTAL
EXTAL
BKGD/MS
RESET
OPTIONAL
MANUAL
RESET
PORT
A
VDD
1
BACKGROUND HEADER
C1
C2
X1
RF
CBY
0.1
µF
CBLK
10
µF
+
3 V
+
SYSTEM
POWER
I/O AND
PERIPHERAL
INTERFACE TO
SYSTEM
APPLICATION
PTA0/KBI1P0
PTA1/KBI1P1
PTA2/KBI1P2
PTA3/KBI1P3
PTA4/KBI1P4
PTA5/KBI1P5
PTA6/KBI1P6
PTA7/KBI1P7
VDD
PORT
B
PTB0/TxD1
PTB1/RxD1
PTB2
PTB3
PTB4
PTB5
PTB6
PTB7/TPM1CH1
PORT
C
PTC0/KBI2P0
PTC1/KBI2P1
PTC2/KBI2P2
PTC3/KBI2P3
PTC4/MOSI1
PTC5/MISO1
PTC6/SPSCK1
PTC7/SS1
PORT
D
PTD0/BKGD/MS
PTD1/RESET
PTD2/IRQ
PTD3
PTD4/ACMP1–
PTD5/ACMP1+
PTD6/TPM1CH0
PORT
E
PTE0
PTE1
PTE2
PTE3
PTE4
PTE5
PTE6
PTE7
NOTES:
1. BKGD/MS is the
same pin as PTD0.
2. RESET is the
same pin as PTD1.
NOTE 1
MC9S08RC/RD/RE/RG
NOTE 2
IRO


Similar Part No. - MC9S08RG60FJE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RG60FJ MOTOROLA-MC9S08RG60FJ Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RG60FJE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com