Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC64JATE13D Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT24WC64JATE13D
Description  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC64JATE13D Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT24WC64JATE13D Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT24WC32/64
2
Doc. No. 1039, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside of those
listed in the operational sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
Power Supply Current
3
mA
fSCL = 100 KHz
ISB(5)
Standby Current (VCC = 5V)
1
µAVIN = GND or VCC
ILI
Input Leakage Current
10
µAVIN = GND to VCC
ILO
Output Leakage Current
10
µAVOUT = GND to VCC
VIL
Input Low Voltage
–1
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage (VCC = +3.0V)
0.4
V
IOL = 3.0 mA
VOL2
Output Low Voltage (VCC = +1.8V)
0.5
V
IOL = 1.5 mA
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V, unless otherwise specified.
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Test
Max.
Units
Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (A0, A1, A2, SCL, WP)
6
pF
VIN = 0V
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) Maximum standby current (ISB ) = 10µA for the Automotive and Extended Automotive temperature range.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
NEND(3)
Endurance
1,000,000
Cycles/Byte
TDR(3)
Data Retention
100
Years
VZAP(3)
ESD Susceptibility
2000
Volts
ILTH(3)(4)
Latch-up
100
mA


Similar Part No. - CAT24WC64JATE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC64JATE13B CATALYST-CAT24WC64JATE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC64JATE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com