Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60CDWE Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60CDWE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60CDWE Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60CDWE Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 15Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 234 page
background image
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
Freescale Semiconductor
15
Chapter 1
Introduction
1.1
Overview
The MC9S08RC/RD/RE/RG are members of the low-cost, high-performance HCS08 Family of 8-bit
microcontroller units (MCUs). All MCUs in this family use the enhanced HCS08 core and are available
with a variety of modules, memory sizes, memory types, and package types.
1.2
Features
Features of the MC9S08RC/RD/RE/RG Family of devices are listed here. Please see Table 1-1 for the
features that are available on the different family members.
HCS08 CPU
(Central Processor Unit)
• Object code fully upward-compatible with M68HC05 and M68HC08 Families
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources
• Power-saving modes: wait plus three stops
On-Chip Memory
• On-chip in-circuit programmable FLASH memory with block protection and security
option
• On-chip random-access memory (RAM)
Oscillator (OSC)
• Low power oscillator capable of operating from crystal or resonator from 1 to 16 MHz
• 8 MHz internal bus frequency
Analog Comparator
(ACMP1)
• On-chip analog comparator with internal reference (ACMP1)
• Full rail-to-rail supply operation
• Option to compare to a fixed internal bandgap reference voltage
Serial Communications
Interface Module (SCI1)
• Full-duplex, standard non-return-to-zero (NRZ) format
• Double-buffered transmitter and receiver with separate enables
• Programmable 8-bit or 9-bit character length
• Programmable baud rates (13-bit modulo divider)
Serial Peripheral
Interface Module (SPI1)
• Master or slave mode operation
• Full-duplex or single-wire bidirectional option
• Programmable transmit bit rate
• Double-buffered transmit and receive
• Serial clock phase and polarity options
• Slave select output
• Selectable MSB-first or LSB-first shifting


Similar Part No. - MC9S08RD60CDWE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60 MOTOROLA-MC9S08RD60 Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60DWE MOTOROLA-MC9S08RD60DWE Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FG MOTOROLA-MC9S08RD60FG Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FJ MOTOROLA-MC9S08RD60FJ Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60CDWE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com