Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60CDWE Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60CDWE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60CDWE Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60CDWE Datasheet HTML 95Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 99Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 100Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 101Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 102Page - Freescale Semiconductor, Inc MC9S08RD60CDWE Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 234 page
background image
Central Processor Unit (S08CPUV2)Central Processor Unit (S08CPUV2)
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
Freescale Semiconductor
99
BRCLR n,opr8a,rel
Branch if Bit n in Memory
Clear
Branch if (Mn) = 0
–––––
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN rel
Branch Never
Uses 3 Bus Cycles
–––––– REL
21 rr
3
BRSET n,opr8a,rel
Branch if Bit n in Memory
Set
Branch if (Mn) = 1
–––––
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET n,opr8a
Set Bit n in Memory
Mn
← 1
–––––– DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
BSR rel
Branch to Subroutine
PC
← (PC) + 0x0002
push (PCL); SP
← (SP) – 0x0001
push (PCH); SP
← (SP) – 0x0001
PC
← (PC) + rel
––––––
REL
AD rr
5
CBEQ opr8a,rel
CBEQA #opr8i,rel
CBEQX #opr8i,rel
CBEQ oprx8,X+,rel
CBEQ ,X+,rel
CBEQ oprx8,SP,rel
Compare and Branch if
Equal
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (X) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
–––––– DIR
IMM
IMM
IX1+
IX+
SP1
31
41
51
61
71
9E61
dd rr
ii
rr
ii
rr
ff
rr
rr
ff
rr
5
4
4
5
5
6
CLC
Clear Carry Bit
C
← 0
–––––0 INH
98
1
CLI
Clear Interrupt Mask Bit
I
← 0
––0––– INH
9A
1
CLR opr8a
CLRA
CLRX
CLRH
CLR oprx8,X
CLR ,X
CLR oprx8,SP
Clear
M
← 0x00
A
← 0x00
X
← 0x00
H
← 0x00
M
← 0x00
M
← 0x00
M
← 0x00
0––01– DIR
INH
INH
INH
IX1
IX
SP1
3F
4F
5F
8C
6F
7F
9E6F
dd
ff
ff
5
1
1
1
5
4
6
CMP #opr8i
CMP opr8a
CMP opr16a
CMP oprx16,X
CMP oprx8,X
CMP ,X
CMP oprx16,SP
CMP oprx8,SP
Compare Accumulator
with Memory
(A) – (M)
(CCR Updated But Operands Not
Changed)
––
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A1
B1
C1
D1
E1
F1
9ED1
9EE1
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
COM opr8a
COMA
COMX
COM oprx8,X
COM ,X
COM oprx8,SP
Complement
(One’s Complement)
M
← (M)= 0xFF – (M)
A
← (A) = 0xFF – (A)
X
← (X) = 0xFF – (X)
M
← (M) = 0xFF – (M)
M
← (M) = 0xFF – (M)
M
← (M) = 0xFF – (M)
0––
1 DIR
INH
INH
IX1
IX
SP1
33
43
53
63
73
9E63
dd
ff
ff
5
1
1
5
4
6
CPHX opr16a
CPHX #opr16i
CPHX opr8a
CPHX oprx8,SP
Compare Index Register
(H:X) with Memory
(H:X) – (M:M + 0x0001)
(CCR Updated But Operands Not
Changed)
––
EXT
IMM
DIR
SP1
3E
65
75
9EF3
hh ll
jj
kk
dd
ff
6
3
5
6
Table 7-2. HCS08 Instruction Set Summary (Sheet 3 of 7)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C


Similar Part No. - MC9S08RD60CDWE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60 MOTOROLA-MC9S08RD60 Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60DWE MOTOROLA-MC9S08RD60DWE Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FG MOTOROLA-MC9S08RD60FG Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FJ MOTOROLA-MC9S08RD60FJ Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60CDWE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com