Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5114VI-50TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5114VI-50TE13
Description  32-Tap Digitally Programmable Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5114VI-50TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT5114VI-50TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5114VI-50TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5114VI-50TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5114VI-50TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5114VI-50TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5114VI-50TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5114VI-50TE13 Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CAT5112
6
Doc. No. 2002, Rev. L
ORDERING INFORMATION
Prefix
Device #
Suffix
5112
Product Number
CAT
Optional
Company ID
I
-10
Resistance
-10: 10kohms
-50: 50kohms
-00: 100kohms
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
5112: Buffered
5114: Unbuffered
S
Package
P: PDIP
S: SOIC
U: TSSOP
R: MSOP
L: PDIP (Lead free, Halogen free)
V: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)
TE13
Tape & Reel
SOIC: 2000/Reel
TSSOP: 2000/Reel
MSOP: 2500/Reel


Similar Part No. - CAT5114VI-50TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114VI-50-G CATALYST-CAT5114VI-50-G Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114VI-50-G ONSEMI-CAT5114VI-50-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
CAT5114VI-50-GT3 ONSEMI-CAT5114VI-50-GT3 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5114VI-50-GT3 ONSEMI-CAT5114VI-50-GT3 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results

Similar Description - CAT5114VI-50TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com