Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL60301 Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # ZL60301
Description  Parallel Fiber Optic Transceiver (4 4) x 2.72 Gbps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60301 Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  ZL60301_07 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60301_07 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60301_07 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60301_07 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60301_07 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60301_07 Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© Zarlink Semiconductor 2002. All rights reserved.
ISSUE
ACN
DATE
APPRD.
Previous package codes
Title
Drawing type
Package code
Projection Method
JS004296
MJ
A1
A10
K1
K10
14,4
17,5
1,145
13,72
A
B
C
j n0,1 A B-C
j n0,1 A B-C
j n0,1 A B-C
j n0,05 A B-C
j n0,1 A
j n0,1 A B-C
(
n2,69 `0,12 Hole)
n1,70 `0,12 Holes
n3,00 MIN pads, Keep Out
n0,58 `0,05 Pads
n2,69 `0,12 Hole
n4,30 MIN pads (3x), Keep Out
NOTES:-
1. All dimensions in mm.
2. Tolerancing per ASME Y14.5M-1994.
Max product outline
Component keep-out area.
1
JS004296R1A
12-JUN-03
TD/BE
MD/MA
24-JAN-05
JS004296 rev.2
2
Package Drawing,
Host Circuit Board Footprint Layout
3
JS004296 rev.3
14-FEB-05
MD/MA


Similar Part No. - ZL60301_07

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60301MJD ZARLINK-ZL60301MJD Datasheet
489Kb / 22P
   Parallel Fiber Optic Transceiver (4 4) x 2.7 Gbps
More results

Similar Description - ZL60301_07

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60301 ZARLINK-ZL60301 Datasheet
489Kb / 22P
   Parallel Fiber Optic Transceiver (4 4) x 2.7 Gbps
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60105 ZARLINK-ZL60105 Datasheet
481Kb / 20P
   12 x 1.6 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com