Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5120TBI-10T3 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT5120TBI-10T3
Description  16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5120TBI-10T3 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT5120TBI-10T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 11Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 12Page - Catalyst Semiconductor CAT5120TBI-10T3 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT5120, CAT5121, CAT5122
0
Doc. No. 22, Rev. C
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
exAMPle OF OrDerInG InFOrMATIOn
Prefix
Device #
Suffix
5120
CAT
SD
-10
I
-G
Product Number
5120
5121
5122
Package
SD: SC70
TB: SOT-23
Resistance
-10: 10kΩ
-50: 50kΩ
-00: 100kΩ
Company ID
Temperature Range
I = Industrial (-40°C to 85°C)
Lead Finish
Blank: Matte-Tin
G: NiPdAu
T10
Tape & Reel
T: Tape & Reel
3: 3000/Reel
10: 10000/Reel
notes:
() All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(2) The device used in the example above is a CAT5120SDI-10-GT10 (SC70, Industrial Temperature range, NiPdAu, Tape and Reel).
(3) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.


Similar Part No. - CAT5120TBI-10T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120TBI-10T3 CATALYST-CAT5120TBI-10T3 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5120TBI-10T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com