Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ZL60105 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part No. ZL60105
Description  12 x 1.6 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

ZL60105 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ZL60105/6
Data Sheet
3
Zarlink Semiconductor Inc.
Absolute Maximum Ratings
Not necessarily applied together. Exceeding these values may cause permanent damage. Functional operation
under these conditions is not implied.
Recommended Operating Conditions
These parameters apply both to the transmitter and the receiver.
Figure 1 - Recommended Power Supply Filter
Parameter
Symbol
Min.
Max.
Unit
Supply voltage
VCC
-0.3
4.0
V
Differential input voltage amplitude1
1. Differential input voltage amplitude is defined as
∆V = DIN+ − DIN-.
∆V1.2
V
Voltage on any pin
VPIN
-0.3
VCC + 0.3
V
Relative humidity (non-condensing)
MOS
595
%
Storage temperature
TSTG
-40
100
°C
ESD resistance
VESD
±1
kV
Parameter
Symbol
Min.
Max.
Unit
Power supply voltage
VCC
3.135
3.465
V
Operating case temperature
TCASE
080
°C
Signaling rate (per channel)1
1. Data patterns are to have maximum run lengths and DC balance shifts no worse than that of a Pseudo Random Bit Sequence of
length 223-1 (PRBS-23). Information on lower bit rates is available on request.
fD
0.5
1.6
Gbps
Link distance2
2. For maximum distance, see Table 6.
LD
2
m
Data I/O DC blocking capacitors3
3. For AC-coupling, DC blocking capacitors external to the module with a minimum value of 100 nF is recommended.
CBLK
100
nF
Power supply noise4
4. Power supply noise is defined at the supply side of the recommended filter for all VCC supplies over the frequency range of 500 Hz
to 1600 MHz with the recommended power supply filter in place.
VNPS
200
mVp-p
Host
Vcc
R1 100
C1
10
µF
C2
10
µF
L1 1
µH
R2 1.0 k
C3
0.1
µF
C4
0.1
µF
L2 6.8 nH
Module
Vcc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn