Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50075 Datasheet(PDF) 31 Page - Zarlink Semiconductor Inc

Part # ZL50075
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50075 Datasheet(HTML) 31 Page - Zarlink Semiconductor Inc

Back Button ZL50075 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 30Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 31Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 32Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 33Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 34Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 35Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
ZL50075
Data Sheet
31
Zarlink Semiconductor Inc.
The mapping of each output stream, SToAn and SToBn, depends on the programmed bit rate. The address offset
range for each stream is illustrated in Table 12.
Output
Group
Start
Address
(Hex)
Address Range
(Hex)
Output
Group
Start
Address
(Hex)
Address Range
(Hex)
0
000000
000000 - 000FFF
16
010000
010000 - 010FFF
1
001000
001000 - 001FFF
17
011000
011000 - 011FFF
2
002000
002000 - 002FFF
18
012000
012000 - 012FFF
3
003000
003000 - 003FFF
19
013000
013000 - 013FFF
4
004000
004000 - 004FFF
20
014000
014000 - 014FFF
5
005000
005000 - 005FFF
21
015000
015000 - 015FFF
6
006000
006000 - 006FFF
22
016000
016000 - 016FFF
7
007000
007000 - 007FFF
23
017000
017000 - 017FFF
8
008000
008000 - 008FFF
24
018000
018000 - 018FFF
9
009000
009000 - 009FFF
25
019000
019000 - 019FFF
10
00A000
00A000 - 00AFFF
26
01A000
01A000 - 01AFFF
11
00B000
00B000 - 00BFFF
27
01B000
01B000 - 01BFFF
12
00C000
00C000 - 00CFFF
28
01C000
01C000 - 01CFFF
13
00D000
00D000 - 00DFFF
29
01D000
01D000 - 01DFFF
14
00E000
00E000 - 00EFFF
30
01E000
01E000 - 01EFFF
15
00F000
00F000 - 00FFFF
31
01F000
01F000 - 01FFFF
Table 11 - Connection Memory Group Address Mapping
Output Group Data Rate
Timeslot Range
Output Stream
Stream Address Offset Range (Hex)
65 Mbps
0 - 1023
SToAn
00000 - 00FFF
SToBn
N/A
32 Mbps
0 - 511
SToAn
00000 - 007FF
SToBn
00800 - 00FFF
16 Mbps
0 - 255
SToAn
00000 - 003FF
SToBn
00400 - 007FF
N/A
BERR
00800 - 00FFF
8 Mbps
0 - 127
SToAn
00000 - 001FF
SToBn
00200 - 003FF
N/A
BERR
00400 - 00FFF
Table 12 - Connection Memory Stream Address Offset at Various Output Rates


Similar Part No. - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com