Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50075 Datasheet(PDF) 24 Page - Zarlink Semiconductor Inc

Part # ZL50075
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50075 Datasheet(HTML) 24 Page - Zarlink Semiconductor Inc

Back Button ZL50075 Datasheet HTML 20Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 21Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 22Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 23Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 28Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
ZL50075
Data Sheet
24
Zarlink Semiconductor Inc.
The Address Bus, A18 - 0, controls access to each 32 bit location. A0 is not used and must be connected to defined
logic level. Address bit A1 and the Data Transfer Size inputs, SIZ1 - 0, identify which bytes are being accessed.
In Motorola Bus Mode (IM = 0), SIZ1 - 0 form active low data strobe signals, consistent with UDS and LDS available
on the MC68000 and MC68302 processors, as shown in Table 6.
In Intel Bus Mode (IM = 1), SIZ1 - 0 form active low byte enable signals, consistent with BE1 and BE0 available on
the Intel i960 processor, as shown in Table 6.
In both Intel and Motorola modes, the A1 address input is used to identify the word alignment in internal memory, as
shown in Table 7.
Data bus word alignments are shown in Table 8. An example of byte addressing is given in Table 9.
Address (Hex)
Memory/Register Bits
40200
Bits 31:24 (MSB)
40201
Bits 23:16
40202
Bits 15:8
40203
Bits 7:0 (LSB)
Table 5 - Example of Address and Byte Significance
Pin Name
Motorola Mode MC68000, MC68302
Equivalent Function
IM = 0
Intel Mode i960
Equivalent Function
IM = 1
Data Bus Bytes Enabled
SIZ1
UDS
BE1
D15-8
SIZ0
LDS
BE0
D7-0
Table 6 - Byte Enable Signals
A1
Memory Data Word Alignment
0Bits 31:16
1
Bits 15:0
Table 7 - Memory Data Word Alignment
Microprocessor
16 Bit Data Bus
SIZ1
SIZ0
A1
Internal 32-Bit Memory
or Register
D15 - 8
0
1
0
Bits 31:24
01
1
Bits 15:8
D7 - 0
1
0
0
Bits 23:16
10
1
Bits 7:0
D15 - 0
0
0
0
Bits 31:16
00
1
Bits 15:0
11
X1
1. X - Don’t Care
No access
Table 8 - Data Bus Word Alignment


Similar Part No. - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com