Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50075 Datasheet(PDF) 43 Page - Zarlink Semiconductor Inc

Part # ZL50075
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50075 Datasheet(HTML) 43 Page - Zarlink Semiconductor Inc

Back Button ZL50075 Datasheet HTML 39Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 40Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 41Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 42Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 43Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 44Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 45Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 46Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 47Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
ZL50075
Data Sheet
43
Zarlink Semiconductor Inc.
14.6
Output Clock Control Register
The Output Clock Control Register is used to select the desired source, frequency, and logic sense of the output
clocks. The bit functions of the Output Clock Control Register are illustrated in Table 25.
Bit
Name
Description
31 - 28
Unused
Reserved. In normal functional mode, these bits MUST be set to zero.
27 - 14
Unused
Reserved. In normal functional mode, these bits MUST be set to 01100000110100.
13
GCO
SEL1
GCI-Bus Selection for FPo1
When this bit is low, FPo1 is set for ST-BUS mode.
When this bit is high, FPo1 is set for GCI-Bus mode.
12
FPO
POL1
Frame Pulse Polarity Selection for FPo1
When this bit is low, FPo1 is set for active high.
When this bit is high, FPo1 is set for active low.
11
CKO
POL1
Clock Polarity Selection for CKo1
When this bit is low, CKo1 is set for the positive clock edge.
When this bit is high, CKo1 is set for the negative clock edge.
10 - 9
CKO1
RATE
1 - 0
Output Clock Rate for CKo1 and FPo1
The output clock rate can not exceed the selected clock source rate. All rates are avail-
able when the internal system clock is selected as clock source.
8 - 7
CKO1
SRC
1 - 0
Output Clock Source for CKo1 and FPo1
Table 25 - Output Clock Control Register
External Read/Write Address: 40284H
Reset Value: 060D1C3CH
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
0
0
000
1
1
0
0
0
0
0
1
1
0
1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
GCO
SEL1
FPO
POL1
CKO
POL1
CKO1
RATE1
CKO1
RATE0
CKO1
SRC1
CKO1
SRC0
GCO
SEL0
FPO
POL0
CKO
POL0
CKO0
RATE1
CKO0
RATE0
CKO0
SRC1
CKO0
SRC0
CKO1RATE1 - 0
CKo1FPo1
00
8.192 MHz
120 ns
01
16.384 MHz
60 ns
10
32.768 MHz
30 ns
11
65.536 MHz
15 ns
CKO1SRC1 - 0
Output Timing Source
00
Internal System Clock
01
CKi0 and FPi0
10
Reserved
11
Reserved


Similar Part No. - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com