Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50075 Datasheet(PDF) 42 Page - Zarlink Semiconductor Inc

Part # ZL50075
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50075 Datasheet(HTML) 42 Page - Zarlink Semiconductor Inc

Back Button ZL50075 Datasheet HTML 38Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 39Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 40Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 41Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 42Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 43Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 44Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 45Page - Zarlink Semiconductor Inc ZL50075 Datasheet HTML 46Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
ZL50075
Data Sheet
42
Zarlink Semiconductor Inc.
14.5
Input Clock Control Register
The Input Clock Control Register is used to select the logic sense of the input clock.
Bit
Name
Description
31 - 9
Unused
Reserved. In normal functional mode, these bits MUST be set to zero.
8 - 3
Unused
Reserved. In normal functional mode, these bits MUST be set to 011011.
2
GCISEL0
GCI-Bus Selection for FPi0
When this bit is low, FPi0 is set for ST-BUS mode.
When this bit is high, FPi0 is set for GCI-Bus mode.
1
FPIPOL0
Frame Pulse Polarity Selection for FPi0
When this bit is low, FPi0 is set for active high.
When this bit is high, FPi0 is set for active low.
0CKIPOL0
Clock Polarity Selection for CKi0
When this bit is low, CKi0 is set for the positive clock edge.
When this bit is high, CKi0 is set for the negative clock edge.
Table 24 - Input Clock Control Register
External Read/Write Address: 40280H
Reset Value: 0DBH
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
00
0
000
0
0
0
0
0
0
0
0
0
0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
00
0
000
0
0
1
1
0
1
1
GCI
SEL0
FPI
POL0
CKI
POL0


Similar Part No. - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50075

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com