Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50074 Datasheet(PDF) 18 Page - Zarlink Semiconductor Inc

Part # ZL50074
Description  32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50074 Datasheet(HTML) 18 Page - Zarlink Semiconductor Inc

Back Button ZL50074 Datasheet HTML 14Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 15Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 16Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 18Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 19Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 20Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 21Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 22Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 61 page
background image
ZL50074
Data Sheet
18
Zarlink Semiconductor Inc.
Figure 3 - Output Bit Advancement Timing
This programming feature is provided to assist in designs where per stream routing delays are significant and
different.
The OSBA bits in the Group Control Registers are used to set the bit-advancement for each of the corresponding
serial output stream groups. Figure 3 illustrates the effect of the OSBA settings on the output timing.
There are limitations when the ZL50074 is programmed to use CKi2 - 0 as the output stream clock source:
• If the selected reference clock frequency is 65 MHz or 32 MHz, the granularity of the advancement is
reduced to 1/2 the clock period.
• If the selected reference clock frequency is 16 MHz or 8 MHz, bit advancement is not available and the
output streams are driven at the nominal times.
6.0
Message Mode
In Message Mode (MSG), microprocessor data can be broadcast to the output data streams on a per-channel
basis. This feature is useful for transferring control and status information to external circuits or other TDM devices.
For a given output channel, when the corresponding Per Channel Function (bits 31 - 29) in the Connection Memory
are set to Message Mode (010), the Connection Memory’s lowest data byte (bits 7 - 0) is output in the timeslot.
Refer to Section 12.1.1, Connection Memory Bit Functions, for programming details.
Nominal 32/65 MHz
Clock
7.6 ns (~3.8 ns at 65 Mbps)
15.2 ns (~7.6 ns at 65 Mbps)
22.8 ns (~11.4 ns at 65 Mbps)
Nominal Output
Bit Timing
Level 1
Advance
Level 2
Advance
Level 3
Advance
OSBA = 00
OSBA = 01
OSBA = 10
OSBA = 11
Nominal 16 MHz
Clock
Nominal 8 MHz
Clock


Similar Part No. - ZL50074

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50074

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
logo
HYES Optoelectronics, I...
HE126XX50 HYES-HE126XX50 Datasheet
183Kb / 1P
   128 X 32 Dots
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com