Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50074 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL50074
Description  32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50074 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL50074 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50074 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
ZL50074
Data Sheet
9
Zarlink Semiconductor Inc.
D6, F5, E3, D1, J3, L5, M3,
M4, U1, U3, AA1, AA2, V7,
W8, AB6, V10, AB11, Y14,
AB18, U16, AB21, W20,
U20, P19, R22, N22, L18,
H21, G20, F20, D20, E16
STiC0-31
Serial TDM Input Data ’C’ Streams (5 V Tolerant Input with
Internal Pull-down)
32 serial TDM input data streams. All streams are at the same rate:
16.384 Mbps or 8.192 Mbps, programmed by the Global Rate
Control Register (Section 12.8). These streams are unused when
the device data rate is 65.536 Mbps or 32.678 Mbps.
The data streams can be selected to be either inverted or
non-inverted, programmed by the Group Control Registers (Section
12.3).
Unused inputs are pulled low by internal pull-down resistors and
may be left unconnected.
C4, B2, D2, H3, E1, K2, L4,
R1, V1, T4, W3, AB1, AA4,
Y7, AB7, Y10, AB12, AB16,
AB19, W17, W19, U19, R19,
T21, N19, M19, K22, G22,
H19, C22, E19, C18
STiD0-31
Serial TDM Input Data ’D’ Streams (5 V Tolerant Input with
Internal Pull-down)
32 serial TDM input data streams. All streams are at the same rate:
16.384 Mbps or 8.192 Mbps, programmed by the Global Rate
Control Register (Section 12.8). These streams are unused when
the device data rate is 65.536 Mbps or 32.678 Mbps.
The data streams can be selected to be either inverted or
non-inverted, programmed by the Group Control Registers (Section
12.3).
Unused inputs are pulled low by internal pull-down resistors and
may be left unconnected.
B3, E4, H5, J4, K5, M5, N5,
N4, P5, Y1, Y2, W5, Y5, V9,
AA8, AA10, AA12, AA15,
U14, V16, Y20, T18, V21,
P18, P21, M21, K20, K18,
H17, D21, F18, A21
SToA0-31
Serial TDM Output Data ’A’ Streams (5 V Tolerant, 3.3 V
Tri-state Slew-Rate Controlled Outputs)
32 serial TDM output data streams. All streams are at the same
rate: 65.536 Mbps, 32.678 Mbps, 16.384 Mbps or 8.192 Mbps,
programmed by the Global Rate Control Register (Section 12.8).
The data streams can be selected to be either inverted or
non-inverted, programmed by the Group Control Registers (Section
12.3).
D5, B1, F3, E2, F1, K1, N1,
P3, R4, W2, V4, V6, AB3,
AA6, Y9, AB10, V11, W14,
Y17, AA19, V18, Y21, W22,
U22, N20, M20, K21, J18,
F21, G18, D19, B19
SToB0-31
Serial TDM Output Data ’B’ Streams (5 V Tolerant, 3.3 V
Tri-state Slew-Rate Controlled Outputs)
32 serial TDM output data streams. All streams are at the same
rate: 32.678 Mbps, 16.384 Mbps or 8.192 Mbps, programmed by
the Global Rate Control Register (Section 12.8). These streams are
unused when the device data rate is 65.536 Mbps.
The data streams can be selected to be either inverted or
non-inverted, programmed by the Group Control Registers (Section
12.3).
Unused outputs are tristated and may be left unconnected.
E6, D3, H4, F2, K4, L3, N2,
R2, T3, V3, U5, Y4, U8,
AB5, AB8, W11, V12, Y15,
W16, AA20, U18, V20, T20,
T22, N18, L22, J22, J19,
H18, F19, E18, F14
SToC0-31
Serial TDM Output Data ’C’ Streams (5 V Tolerant, 3.3 V
Tri-state Slew-Rate Controlled Outputs)
32 serial TDM output data streams. All streams are at the same
rate: 16.384 Mbps or 8.192 Mbps, programmed by the Global Rate
Control Register (Section 12.8). These streams are unused when
the device data rate is 65.536 Mbps or 32.678 Mbps.
The data streams can be selected to be either inverted or
non-inverted, programmed by the Group Control Registers (Section
12.3).
Unused outputs are tristated and may be left unconnected.
Pin Description (continued)
Pin
Name
Description


Similar Part No. - ZL50074

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50074

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
logo
HYES Optoelectronics, I...
HE126XX50 HYES-HE126XX50 Datasheet
183Kb / 1P
   128 X 32 Dots
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com