Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50073 Datasheet(PDF) 21 Page - Zarlink Semiconductor Inc

Part # ZL50073
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50073 Datasheet(HTML) 21 Page - Zarlink Semiconductor Inc

Back Button ZL50073_06 Datasheet HTML 17Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 18Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 19Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 20Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 21Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 22Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 23Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL50073_06 Datasheet HTML 25Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
ZL50073
Data Sheet
21
Zarlink Semiconductor Inc.
Figure 6 - Output Bit Advancement Timing
This programming feature is provided to assist in designs where per stream routing delays are significant and
different.
The OSBA bits in the Group Control Registers are used to set the bit-advancement for each of the corresponding
serial output stream groups. Figure 6 illustrates the effect of the OSBA settings on the output timing.
There are limitations when the ZL50073 is programmed to use CKi2 - 0 as the output stream clock source:
• If the selected reference clock frequency is 65 MHz or 32 MHz, the granularity of the advancement is
reduced to 1/2 the clock period
• If the selected reference clock frequency is 16 MHz or 8 MHz, bit advancement is not available and the
output streams are driven at the nominal times
6.0
Message Mode
In Message Mode (MSG), microprocessor data can be broadcast to the output data streams on a per-channel
basis. This feature is useful for transferring control and status information to external circuits or other TDM devices.
For a given output channel, when the corresponding Per Channel Function (bits 31 - 29) in the Connection Memory
are set to Message Mode (010), the Connection Memory’s lowest data byte (bits 7 - 0) is output in the timeslot.
Refer to Section 14.1.1, Connection Memory Bit Functions, for programming details.
To increase programming bandwidth, the ZL50073 has separate addressable 32 bit memory locations, called
Connection Memory Least Significant Bytes (LSB), which provide direct access to the Connection Memories’
Nominal 32/65 MHz
Clock
7.6 ns (~3.8 ns at 65 Mbps)
15.2 ns (~7.6 ns at 65 Mbps)
22.8 ns (~11.4 ns at 65 Mbps)
Nominal Output
Bit Timing
Level 1
Advance
Level 2
Advance
Level 3
Advance
OSBA = 00
OSBA = 01
OSBA = 10
OSBA = 11
Nominal 16 MHz
Clock
Nominal 8 MHz
Clock


Similar Part No. - ZL50073_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073GAC ZARLINK-ZL50073GAC Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results

Similar Description - ZL50073_06

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50074 ZARLINK-ZL50074 Datasheet
570Kb / 61P
   32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com