Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


ZL50073 Datasheet(PDF) 60 Page - Zarlink Semiconductor Inc

Part No. ZL50073
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZARLINK [Zarlink Semiconductor Inc]
Homepage  http://www.zarlink.com
Logo 

 60 page
background image
ZL50073
Data Sheet
60
Zarlink Semiconductor Inc.
Figure 16 - Serial Data Timing to CKi
CKi
STon
tSINZ
STon
FPi
FPi
CKo
tCKDN
ODE
tSOE
(negative sense)
(negative sense)
(negative sense)
(negative sense)
CKo
(positive sense)
tSINS
tSINH
STin
*
tSINV
VALID DATA
CKi
STon
tSIPZ
STon
tSIPV
(positive sense)
VALID DATA
tSIPS
tSIPH
STin
*
tSOZ
tCKDP
Note 1: CKi frequency is assumed to be twice of the STin data rate, so that the sampling point is at the
Note 2: If CKi frequency is the same as the STin data rate, the sampling point moves to the 1/2 point of
3/4 point of the bit cell, or 1 1/2 clock period after the active clock edge
the bit cell, or 1/2 clock period after the active clock edge.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ZL5005712 K-Channel Digital Switch with High Jitter Tolerance Per Stream Rate Conversion 2 4 8 16 or 32 Mbps and 48 Inputs and 48 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL500528 K Channel Digital Switch with High Jitter Tolerance Single Rate 32 Mbps and 16 Inputs and 16 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5006216K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL50030_06Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch 1 2 3 4 5 MoreZarlink Semiconductor Inc
ATR08414-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1 2 3 4 5 MoreATMEL Corporation
TC7MA157FKLow Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
MC74LCX16245Low−Voltage CMOS 16−Bit Transceiver With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
74VCX16374Low−Voltage 1.8/2.5/3.3V 16−Bit D−Type Flip−Flop With 3.6 V−Tolerant Inputs and Outputs 1 2 3 4 5 MoreON Semiconductor
MC74LCX16373Low−Voltage CMOS 16−Bit Transparent Latch With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl