Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60PE Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60PE
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60PE Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60PE Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08RD60PE Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 234 page
background image
Resets, Interrupts, and System Configuration
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
70
Freescale Semiconductor
5.8.6
System Real-Time Interrupt Status and Control Register (SRTISC)
This register contains one read-only status flag, one write-only acknowledge bit, three read/write delay
selects, and three unimplemented bits, which always read 0.
76543210
R
RTIF
0
RTICLKS
RTIE
0
RTIS2
RTIS1
RTIS0
W
RTIACK
Reset
00000000
= Unimplemented or Reserved
Figure 5-8. System RTI Status and Control Register (SRTISC)
Table 5-8. SRTISC Field Descriptions
Field
Description
7
RTIF
Real-Time Interrupt Flag — This read-only status bit indicates the periodic wakeup timer has timed out.
0 Periodic wakeup timer not timed out.
1 Periodic wakeup timer timed out.
6
RTIACK
Real-Time Interrupt Acknowledge — This write-only bit is used to acknowledge real-time interrupt request
(write 1 to clear RTIF). Writing 0 has no meaning or effect. Reads always return 0.
5
RTICLKS
Real-Time Interrupt Clock Select — This read/write bit selects the clock source for the real-time interrupt.
0 Real-time interrupt request clock source is internal 1-kHz oscillator.
1 Real-time interrupt request clock source is external clock.
4
RTIE
Real-Time Interrupt Enable — This read-write bit enables real-time interrupts.
0 Real-time interrupts disabled.
1 Real-time interrupts enabled.
2:0
RTIS[2:0]
Real-Time Interrupt Period Selects — These read/write bits select the wakeup period for the RTI. One clock
source for the real-time interrupt is its own internal clock source, which oscillates with a period of approximately
tRTI and is independent of other MCU clock sources. Using an external clock source the delays will be crystal
frequency divided by value in RTIS2:RTIS1:RTIS0. See Table 5-9.
Table 5-9. Real-Time Interrupt Period
RTIS2:RTIS1:RTIS0
Internal Clock Source (1)
(tRTI = 1 ms, Nominal)
1. See Table A-9 tRTI in Appendix A, “Electrical Characteristics,” for the tolerance on these values.
External Clock Source (2)
Period = text
2. text is based on the external clock source, resonator, or crystal selected by the ICG configuration. See Table A-9 for details.
0:0:0
Disable periodic wakeup timer
Disable periodic wakeup timer
0:0:1
8 ms
text x 256
0:1:0
32 ms
tex x 1024
0:1:1
64 ms
tex x 2048
1:0:0
128 ms
tex x 4096
1:0:1
256 ms
text x 8192
1:1:0
512 ms
text x 16384
1:1:1
1.024 s
tex x 32768


Similar Part No. - MC9S08RD60PE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60PE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com