Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9555HV6I-T2 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT9555HV6I-T2
Description  16-bit I2C and SMBus I/O Port with Interrupt
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9555HV6I-T2 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT9555HV6I-T2 Datasheet HTML 1Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT9555HV6I-T2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CAT9555
3
Doc. No. 8551, Rev. E
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
(1)
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2)
This parameter is tested initially and after a design or process change that affects the parameter.
ABSOLUTE MAXIMUM RATINGS(1)
VCC with Respect to Ground ............... –0.5V to +6.5V
Voltage on Any Pin with
Respect to Ground ........................ –0.5V to +5.5V
DC Current on I/O0 to I/O7 ........................................... +50 mA
DC Input Current ............................................. +20 mA
VCC Supply Current .......................................... 160mA
RELIABILITY CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pd
o
h
t
e
M
t
s
e
T
e
c
n
e
r
e
f
e
Rn
i
Ms
t
i
n
U
P
A
Z
V
)
2
(
y
t
il
i
b
i
t
p
e
c
s
u
S
D
S
E2
2
D
S
E
J
d
r
a
d
n
a
t
S
C
E
D
E
J0
0
0
2s
t
l
o
V
H
T
L
I
)
2
(
p
u
-
h
c
t
a
LA
8
7
D
S
E
J
C
E
D
E
J0
0
1A
m
VSS Supply Current .......................................... 200mA
Package Power Dissipation
Capability (TA = 25°C) ................................... 1.0W
Junction Temperature ..................................... +150
°C
Storage Temperature ........................ -65
°C to +150°C


Similar Part No. - CAT9555HV6I-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT9555HV6I-T2 CATALYST-CAT9555HV6I-T2 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
More results

Similar Description - CAT9555HV6I-T2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
   16-bit I2C-bus and SMBus I/O port with interrupt
logo
NXP Semiconductors
PCA9555D-T NXP-PCA9555D-T Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
   8-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9535 PHILIPS-PCA9535 Datasheet
139Kb / 19P
   16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com