Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVCZ161284A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCZ161284A
Description  19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCZ161284A Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVCZ161284A Datasheet HTML 1Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 2Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 3Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 4Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 5Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 6Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 7Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 8Page - Texas Instruments SN74LVCZ161284A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
Electrical Characteristics
SN74LVCZ161284A
19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER
WITH ERROR-FREE POWER UP
SCES358B – SEPTEMBER 2001 – REVISED MAY 2005
over recommended operating free-air temperature range, V
CC CABLE = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
All inputs except
0.4
∆V
t
C inputs and HOST LOGIC IN
Hysteresis
3.3 V
V
HOST LOGIC IN
0.2
(VT+ – VT–)
C inputs
0.8
3 V
2.23
HD high, B and Y outputs
IOH = –14 mA
3.3 V(2)
2.4
IOH = –4 mA
2.4
HD high, A outputs, and
VOH
3 V
V
HOST LOGIC OUT
IOH = –50 µA
2.8
3.15 V
3.1
PERI LOGIC OUT
IOH = –0.5 mA
3.3 V(2)
4.5
B and Y outputs
IOL = 14 mA
0.77
IOL = 50 µA
0.2
VOL
A outputs and HOST LOGIC OUT
3 V
V
IOL = 4 mA
0 4
PERI LOGIC OUT
IOL = 84 mA
0.9
VI = VCC
50
µA
C inputs
3.6 V(3)
II
VI = GND (pullup resistors)
–3.5
mA
All inputs except B or C inputs
VI = VCC or GND
3.6 V
±1
µA
A1–A8
VO = VCC or GND
3.6 V
±20
µA
VO = VCC CABLE
3.6 V
50
µA
IOZ
B outputs
VO = GND (pullup resistors)
3.6 V(3)
–3.5
mA
Open-drain Y outputs
VO = GND (pullup resistors)
3.6 V(3)
–3.5
mA
VO = 5.5 V
350
µA
IOZPU
B and Y outputs
0 to 1.5 V(4)
VO = GND
–5
mA
VO = 5.5 V
350
µA
IOZPD
B and Y outputs
0 to 1.5 V(4)
VO = GND
–5
mA
Power-down input leakage,
VI or VO = 0 to 3.6 V
100
except A1–A8 or B1–B8 inputs
Ioff
0(3)
µA
Power-down output leakage,
VI or VO = 0 to 5.5 V
100
B1–B8 and Y9–Y13 outputs
3.6 V(5)
45
VI = GND (12 × pullup)
ICC
3.6 V
70
mA
VI = VCC,
IO = 0
3.6 V
0.8
Ci
All inputs
VI = VCC or GND
3.3 V
3
pF
Cio
I/O ports
VO = VCC or GND
3.3 V
7
pF
ZO
Cable side
IOH = –35 mA
3.3 V
45
R pullup
Cable side
VO = 0 V (in high-impedance state)
3.3 V
1.15
1.65
k
(1)
Typical values are measured at VCC = 3.3 V, VCC CABLE = 5 V, and TA = 25°C.
(2)
VCC CABLE = 4.7 V
(3)
VCC CABLE = 3.6 V
(4)
Connect the VCC pin and the VCC CABLE pin.
(5)
VCC CABLE = 4.7 V
5


Similar Part No. - SN74LVCZ161284A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284AGR TI-SN74LVCZ161284AGR Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284AGR TI-SN74LVCZ161284AGR Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
More results

Similar Description - SN74LVCZ161284A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCE161284 TI-SN74LVCE161284_07 Datasheet
336Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284_08 Datasheet
365Kb / 16P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A_08 Datasheet
277Kb / 13P
[Old version datasheet]   19-BIT IEEE STD 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCZ161284A TI-SN74LVCZ161284A Datasheet
159Kb / 10P
[Old version datasheet]   19-BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR-FREE POWER UP
SN74LVCE161284 TI-SN74LVCE161284 Datasheet
238Kb / 14P
[Old version datasheet]   19 BIT IEEE 1284 TRANSLATION TRANSCEIVER WITH ERROR FREE POWER UP
logo
STMicroelectronics
74LVCZ161284A STMICROELECTRONICS-74LVCZ161284A Datasheet
437Kb / 12P
   LOW VOLTAGE HIGH SPEED IEEE 1284 TRANSCEIVER WITH ERROR-FREE POWER-UP
July 2005
logo
Fairchild Semiconductor
74ACT1284 FAIRCHILD-74ACT1284 Datasheet
226Kb / 7P
   IEEE 1284 Transceiver
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74ACT1284 FAIRCHILD-74ACT1284_00 Datasheet
265Kb / 7P
   IEEE 1284 Transceiver
AN-5010 FAIRCHILD-AN-5010 Datasheet
220Kb / 10P
   IEEE 1284 Interface Design Solutions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com