Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT9954HV4I-G-T2 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT9954HV4I-G-T2
Description  8-bit I2C and SMBus I/O Port with Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT9954HV4I-G-T2 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT9954HV4I-G-T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 10Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 11Page - Catalyst Semiconductor CAT9954HV4I-G-T2 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CAT9554, CAT9554A
8
Doc. No. 25088, Rev. B
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 5. START/STOP Conditions
Figure 7. CAT9554A Slave Address
FUNCTIONAL DESCRIPTION
The CAT9554 and CAT9554A general purpose input/
output (GPIO) peripherals provide up to eight I/O ports,
controlled through an I2C compatible serial interface
The CAT9554/54A support the I2C Bus data transmis-
sion protocol. This I2C Bus protocol defines any device
that sends data to the bus to be a transmitter and any
device receiving data to be a receiver. The transfer is
controlled by the Master device which generates the
serial clock and all START and STOP conditions for bus
access. The CAT9554/9554A operate as a Slave de-
vice. Both the Master device and Slave device can
operate as either transmitter or receiver, but the Master
device controls which mode is activated.
I2C Bus Protocol
The features of the I2C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is high
will be interpreted as a START or STOP condition
(Figure 5).
START and STOP Conditions
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT9554/9554A monitors
the SDA and SCL lines and will not respond until this
condition is met.
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
Device Addressing
After the bus Master sends a START condition, a slave
address byte is required to enable the CAT9554/9554A
for a read or write operation. The four most significant
bits of the slave address are fixed as binary 0100 for the
CAT9554 (Figure 6) and as 0111 for the CAT9554A
(Figure 7). The CAT9554/9554A uses the next three bits
as address bits.
The address bits A2, A1 and A0 are used to select which
device is accessed from maximum eight devices on the
same bus. These bits must compare to their hardwired
input pins. The 8th bit following the 7-bit slave address
is the R/W bit that specifies whether a read or write
operation is to be performed. When this bit is set to “1”,
a read operation is initiated, and when set to “0”, a write
operation is selected.
Following the START condition and the slave address
byte, the CAT9554/9554A monitors the bus and re-
sponds with an acknowledge (on the SDA line) when its
address matches the transmitted slave address. The
CAT9554/9554A then performs a read or a write opera-
tion depending on the state of the R/W bit.
START
CONDITION
STOP
CONDITION
SDA
SCL
0
1
0
0
A2A1A0
R/W
SLAVE ADDRESS
FIXED
PROGRAMMABLE
HARDWARE
SELECTABLE
Figure 6. CAT9554 Slave Address
0
1
1
1
A2A1A0
R/W
SLAVE ADDRESS
FIXED
PROGRAMMABLE
HARDWARE
SELECTABLE


Similar Part No. - CAT9954HV4I-G-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
134Kb / 15P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46 ONSEMI-CAT93C46 Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46 ONSEMI-CAT93C46 Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results

Similar Description - CAT9954HV4I-G-T2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
   8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
   8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
   16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9555 CATALYST-CAT9555_08 Datasheet
235Kb / 17P
   16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9555 ONSEMI-CAT9555_11 Datasheet
176Kb / 16P
   16-bit I2C and SMBus I/O Port with Interrupt
June, 2011 ??Rev. 11
logo
NXP Semiconductors
PCA9534 PHILIPS-PCA9534 Datasheet
146Kb / 17P
   8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
   16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com