Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5133ZI-00-GT3 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT5133ZI-00-GT3
Description  16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5133ZI-00-GT3 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT5133ZI-00-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT5133ZI-00-GT3 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CAT5133
© 2006 Catalyst Semiconductor, Inc.
9
Doc. No. 2125 Rev. B
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a CAT5133ZI-10-GT3 (MSOP, Industrial Temperature range, 10k ohms, NiPdAu, Tape & Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
ORDERING
PART
NUMBER
CAT5133ZI-10-GT3
CAT5133ZI-50-GT3
(4)
CAT5133ZI-00-GT3
(4)
Prefix
Device #
Suffix
CAT
5133
Z
I
-10
–G T3
Company ID
Product Number
5133
Temperature Range
I = Industrial (-40ºC to 85ºC)
Resistance
-10: 10k ohms
-50: 50k ohms
(4)
-00: 100k ohms
(4)
Lead Finish
G: NiPdAu
Package
Z: MSOP
T: Tape & Reel
3: 3000/Reel


Similar Part No. - CAT5133ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5133ZI-00-GT3 CATALYST-CAT5133ZI-00-GT3 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133ZI-00-GT3 ONSEMI-CAT5133ZI-00-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
More results

Similar Description - CAT5133ZI-00-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5133ZI-10-GT3 ONSEMI-CAT5133ZI-10-GT3 Datasheet
209Kb / 10P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and an Increment Decrement Interface
Doc. No. MD-2125 Rev. D
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133_08 Datasheet
283Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPPTM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5133 ONSEMI-CAT5133 Datasheet
169Kb / 9P
   16 Volt Digital Potentiometer (POT) with 128 Taps and an Increment Decrement Interface
July, 2013 ??Rev. 5
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
245Kb / 13P
   15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com