Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08RD60 Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MC9S08RD60
Description  Microcontrollers
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08RD60 Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MC9S08RD60 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 99Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 101Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC9S08RD60 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 234 page
background image
Central Processor Unit (S08CPUV2)Central Processor Unit (S08CPUV2)
MC9S08RC/RD/RE/RG Data Sheet, Rev. 1.11
100
Freescale Semiconductor
CPX #opr8i
CPX opr8a
CPX opr16a
CPX oprx16,X
CPX oprx8,X
CPX ,X
CPX oprx16,SP
CPX oprx8,SP
Compare X (Index
Register Low) with
Memory
(X) – (M)
(CCR Updated But Operands Not
Changed)
––
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A3
B3
C3
D3
E3
F3
9ED3
9EE3
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
DAA
Decimal Adjust
Accumulator After ADD or
ADC of BCD Values
(A)10
U– –
INH
72
1
DBNZ opr8a,rel
DBNZA rel
DBNZX rel
DBNZ oprx8,X,rel
DBNZ ,X,rel
DBNZ oprx8,SP,rel
Decrement and Branch if
Not Zero
Decrement A, X, or M
Branch if (result)
≠ 0
DBNZX Affects X Not H
–––––– DIR
INH
INH
IX1
IX
SP1
3B
4B
5B
6B
7B
9E6B
dd rr
rr
rr
ff
rr
rr
ff
rr
7
4
4
7
6
8
DEC opr8a
DECA
DECX
DEC oprx8,X
DEC ,X
DEC oprx8,SP
Decrement
M
← (M) – 0x01
A
← (A) – 0x01
X
← (X) – 0x01
M
← (M) – 0x01
M
← (M) – 0x01
M
← (M) – 0x01
––
DIR
INH
INH
IX1
IX
SP1
3A
4A
5A
6A
7A
9E6A
dd
ff
ff
5
1
1
5
4
6
DIV
Divide
A
← (H:A)÷(X)
H
← Remainder
––––
INH
52
6
EOR #opr8i
EOR opr8a
EOR opr16a
EOR oprx16,X
EOR oprx8,X
EOR ,X
EOR oprx16,SP
EOR oprx8,SP
Exclusive OR
Memory with
Accumulator
A
← (A ⊕ M)
0––
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A8
B8
C8
D8
E8
F8
9ED8
9EE8
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
INC opr8a
INCA
INCX
INC oprx8,X
INC ,X
INC oprx8,SP
Increment
M
← (M) + 0x01
A
← (A) + 0x01
X
← (X) + 0x01
M
← (M) + 0x01
M
← (M) + 0x01
M
← (M) + 0x01
––
DIR
INH
INH
IX1
IX
SP1
3C
4C
5C
6C
7C
9E6C
dd
ff
ff
5
1
1
5
4
6
JMP opr8a
JMP opr16a
JMP oprx16,X
JMP oprx8,X
JMP ,X
Jump
PC
← Jump Address
–––––– DIR
EXT
IX2
IX1
IX
BC
CC
DC
EC
FC
dd
hh ll
ee ff
ff
3
4
4
3
3
JSR opr8a
JSR opr16a
JSR oprx16,X
JSR oprx8,X
JSR ,X
Jump to Subroutine
PC
← (PC) + n (n = 1, 2, or 3)
Push (PCL); SP
← (SP) – 0x0001
Push (PCH); SP
← (SP) – 0x0001
PC
← Unconditional Address
–––––– DIR
EXT
IX2
IX1
IX
BD
CD
DD
ED
FD
dd
hh ll
ee ff
ff
5
6
6
5
5
LDA #opr8i
LDA opr8a
LDA opr16a
LDA oprx16,X
LDA oprx8,X
LDA ,X
LDA oprx16,SP
LDA oprx8,SP
Load Accumulator from
Memory
A
← (M)
0––
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A6
B6
C6
D6
E6
F6
9ED6
9EE6
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
LDHX #opr16i
LDHX opr8a
LDHX opr16a
LDHX ,X
LDHX oprx16,X
LDHX oprx8,X
LDHX oprx8,SP
Load Index Register (H:X)
from Memory
H:X
← (M:M + 0x0001)
0––
IMM
DIR
EXT
IX
IX2
IX1
SP1
45
55
32
9EAE
9EBE
9ECE
9EFE
jj
kk
dd
hh ll
ee ff
ff
ff
3
4
5
5
6
5
5
Table 7-2. HCS08 Instruction Set Summary (Sheet 4 of 7)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C


Similar Part No. - MC9S08RD60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S08RD60 MOTOROLA-MC9S08RD60 Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60DWE MOTOROLA-MC9S08RD60DWE Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FG MOTOROLA-MC9S08RD60FG Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60FJ MOTOROLA-MC9S08RD60FJ Datasheet
1Mb / 232P
   Microcontrollers
MC9S08RD60PE MOTOROLA-MC9S08RD60PE Datasheet
1Mb / 232P
   Microcontrollers
More results

Similar Description - MC9S08RD60

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com