Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY527 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY527
Description  Controlled avalanche rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY527 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY527 Datasheet HTML 1Page - NXP Semiconductors BY527 Datasheet HTML 2Page - NXP Semiconductors BY527 Datasheet HTML 3Page - NXP Semiconductors BY527 Datasheet HTML 4Page - NXP Semiconductors BY527 Datasheet HTML 5Page - NXP Semiconductors BY527 Datasheet HTML 6Page - NXP Semiconductors BY527 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Jun 11
3
Philips Semiconductors
Product specification
Controlled avalanche rectifier
BY527
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on epoxy-glass printed-circuit board, 1.5 mm thick; thickness of copper
≥40 µm, see Fig.9.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF =1A; Tj =Tj max; see Fig.6
−−
0.8
V
IF = 1 A; see Fig.6
−−
1.0
V
V(BR)R
reverse avalanche
breakdown voltage
IR = 0.1 mA
1250
−−
V
IR
reverse current
VR =VRWMmax; see Fig.7
−−
1
µA
VR =VRWMmax; Tj = 165 °C; see Fig.7
−−
150
µA
trr
reverse recovery time when switched from IF = 0.5 A to
IR = 1 A; measured at IR = 0.25 A;
see Fig.10
3
µs
Cd
diode capacitance
VR = 0 V; f = 1 MHz; see Fig.8
50
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
46
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W


Similar Part No. - BY527

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
49Kb / 4P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BY527 VISHAY-BY527 Datasheet
130Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 14-Apr-05
BY527 VISHAY-BY527 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BY527

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Toshiba Semiconductor
25QF11 TOSHIBA-25QF11 Datasheet
64Kb / 1P
   CONTROLLED AVALANCHE RECTIFIER
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYD13D EIC-BYD13D Datasheet
46Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX39 NJSEMI-BYX39 Datasheet
180Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
BYX56 NJSEMI-BYX56 Datasheet
187Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
Microsemi Corporation
KP247 MICROSEMI-KP247 Datasheet
103Kb / 2P
   Quick Connect Controlled Avalanche Rectifier
logo
Diotec Semiconductor
P2500T DIOTEC-P2500T_16 Datasheet
178Kb / 2P
   Controlled Avalanche Standard Recovery Rectifier Diodes
logo
NXP Semiconductors
BYV2100 PHILIPS-BYV2100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com