Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC6633LE-1.8T2C Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT24WC6633LE-1.8T2C
Description  64K-bit I2C Serial EEPROM with Partial Array Write Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC6633LE-1.8T2C Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24WC6633LE-1.8T2C Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 12Page - Catalyst Semiconductor CAT24WC6633LE-1.8T2C Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT24WC66
Doc. No. 1037 Rev. J
10
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8-LEAD 150 MIL SOIC (W)
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC specification MS-012 dimensions.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf
SYMBOL
A1
A
b
C
D
E
E1
h
L
MIN
0.10
1.35
0.33
4.80
5.80
3.80
0.25
0.40
NOM
0.25
0.19
MAX
0.25
1.75
0.51
5.00
6.20
4.00
e1.27 BSC
0.50
1.27
Ө1
E
E1
D
A1
e
L
Ө1
C
b
h x 45
A


Similar Part No. - CAT24WC6633LE-1.8T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66JA-1.8TE13 CATALYST-CAT24WC66JA-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JA-TE13 CATALYST-CAT24WC66JA-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JE-1.8TE13 CATALYST-CAT24WC66JE-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC6633LE-1.8T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com