Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC65WITE13D Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT24WC65WITE13D
Description  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC65WITE13D Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24WC65WITE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC65WITE13D Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Discontinued
Parts
CAT24WC33/65
10
Doc. No. 1049, Rev. D
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Note:
1.
All linear dimensions are in inches and parenthetically in millimeters.
0.205 (5.20)
0.213 (5.40)
0.303 (7.70)
0.318 (8.10)
4 REF
0.008 (0.20)
0.025 (0.65)
0.0137 (0.35)
0.0177 (0.45)
0.080 (2.03)
MAX
0.205 (5.15)
0.210 (5.35)
0.0267 (0.68)
0.0303 (0.77)
0.046 (1.17)
0.054 (1.37)
8-LEAD 210 MIL WIDE SOIC (K, X)


Similar Part No. - CAT24WC65WITE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC65 CATALYST-CAT24WC65 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65J-1.8TE13 CATALYST-CAT24WC65J-1.8TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65J-TE13 CATALYST-CAT24WC65J-TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65JA-1.8TE13 CATALYST-CAT24WC65JA-1.8TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC65JA-TE13 CATALYST-CAT24WC65JA-TE13 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC65WITE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com