Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT4134 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT4134
Description  500mA Dual Channel Movie/Flash LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4134 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT4134 Datasheet HTML 5Page - Catalyst Semiconductor CAT4134 Datasheet HTML 6Page - Catalyst Semiconductor CAT4134 Datasheet HTML 7Page - Catalyst Semiconductor CAT4134 Datasheet HTML 8Page - Catalyst Semiconductor CAT4134 Datasheet HTML 9Page - Catalyst Semiconductor CAT4134 Datasheet HTML 10Page - Catalyst Semiconductor CAT4134 Datasheet HTML 11Page - Catalyst Semiconductor CAT4134 Datasheet HTML 12Page - Catalyst Semiconductor CAT4134 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CAT4134
© 2006 Catalyst Semiconductor, Inc.
9
Doc. No. 5021 Rev. A
Characteristics subject to change without notice.
APPLICATION INFORMATION
The typical application for the CAT4134 is in a
camera-equipped cellular phone where the LEDs are
used for illumination in flash mode with short duration
high-current pulse and in movie mode with continuous
lighter load. In movie mode, the FLASH pin is set low.
Note:
Hot-plugging the LEDs while the output is fully charged is not
recommended. If the LEDs are disconnected, the device should first
be powered-down and the output discharged before reconnecting
the LEDs to the output and the LED pins.
TIMING DIAGRAM
LED CURRENT SETTING
Flash Mode
The enable EN and FLASH logic input signals control
the LED current. When both the EN and FLASH
inputs are high, the driver is in flash or strobe mode.
In this mode, the LED1 and LED2 pin currents are set
by the resistor RFLASH and are regulated to 1800
times the current in the RFLASH resistor and follows
the equation:
LED current = 1800 x 1.2V / RFLASH
Movie Mode
When the EN input is high and FLASH is low, the
driver is in movie mode. In this mode, the LED1 and
LED2 pin currents are set by the resistor RSET and
are regulated to 360 times the current in the RSET
resistor and follows the equation:
LED current = 360 x 1.2V / RSET
Table 1 lists the various LED currents and the asso-
ciated resistor values in movie and flash modes.
Table 1. Resistor Selection in Movie and Flash Mode
Movie Mode
Flash Mode
LED Current
(mA)
RSET
(kΩ)
LED Current
(mA)
RFLASH
(kΩ)
5
86.4
50
43.2
10
43.2
75
28.8
20
21.6
100
21.6
30
14.4
150
14.4
Shutdown Mode
When the EN input is low, the driver is in shutdown
mode and there is no current flowing in either LED1 or
LED2 pins.
EN
FLASH
LED1, LED2
Current
movie
mode
movie
mode
flash
mode


Similar Part No. - CAT4134

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT4134 CATALYST-CAT4134 Datasheet
327Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134 ONSEMI-CAT4134 Datasheet
235Kb / 12P
   500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT4134HV2-GT2 CATALYST-CAT4134HV2-GT2 Datasheet
327Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134HV2-GT2 ONSEMI-CAT4134HV2-GT2 Datasheet
235Kb / 12P
   500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
More results

Similar Description - CAT4134

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4134HV2-T2 ONSEMI-CAT4134HV2-T2 Datasheet
299Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
Doc. No. MD-5021 Rev. C
logo
Catalyst Semiconductor
CAT4134 CATALYST-CAT4134_08 Datasheet
327Kb / 13P
   500mA Dual Channel Movie/Flash LED Driver
logo
ON Semiconductor
CAT4134 ONSEMI-CAT4134 Datasheet
235Kb / 12P
   500 mA Dual Channel Movie/Flash LED Driver
February, 2010 ??Rev. 2
logo
ams AG
AS3642 AMSCO-AS3642 Datasheet
2Mb / 27P
   Ultra Small 500mA Inductive White LED Flash Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
   Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
   Photo flash dual LED driver
Rev. 05-16 December 2009
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
   500mA LED Camera Flash Charge Pump
MP3332 MPS-MP3332 Datasheet
1Mb / 27P
   Dual-Channel Flash LED Driver, 1.5A/Ch with I2C Interface
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
   FLASH LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com