Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT1163 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT1163
Description  Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1163 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT1163_07 Datasheet HTML 6Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 7Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 8Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 9Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 10Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 11Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 12Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 13Page - Catalyst Semiconductor CAT1163_07 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT1163
© 2007 Catalyst Semiconductor, Inc.
13
Doc. No. 3003 Rev. E
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
Notes:
(1)
All packages are RoHS-compliant (Lead-free, Halogen-free).
(2)
The standard lead finish is Matte-Tin.
(3)
This device used in the above example is a CAT1163WI-30-GT3 (SOIC, Industrial Temperature, 3V to 3.15V, NiPdAu, Tape & Reel)
(4)
NiPdAu is a lead finish option on the Green packages only. Unless indicated with a “G”, the Pb-free packages are shipped with a Sn
matte lead finish.
ORDERING PART NUMBER
CAT1163LI-45
CAT1163LI-42
CAT1163LI-30
CAT1163LI-28
CAT1163LI-25
CAT1163WI-45
CAT1163WI-42
CAT1163WI-30
CAT1163WI-28
CAT1163WI-25
Prefix
Device #
Suffix
CAT
1163
W
I
-30
G
T3
Optional
Company ID
Package
L:
PDIP
W: SOIC
Temperature Range
I = In
dustrial (-40ºC to 85ºC)
Reset Threshold Voltage
-45: 4.50V to 4.75V
-42: 4.25V to 4.50V
-30: 3.00V to 3.15V
-28: 2.85V to 3.00V
-25: 2.55V to 2.70V
Product
Number
1163: 16K
Tape & Reel
T: Tape & Reel
3: 3000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu


Similar Part No. - CAT1163_07

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
More results

Similar Description - CAT1163_07

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com