Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB8447L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB8447L
Description  40V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB8447L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB8447L Datasheet HTML 1Page - Fairchild Semiconductor FDB8447L Datasheet HTML 2Page - Fairchild Semiconductor FDB8447L Datasheet HTML 3Page - Fairchild Semiconductor FDB8447L Datasheet HTML 4Page - Fairchild Semiconductor FDB8447L Datasheet HTML 5Page - Fairchild Semiconductor FDB8447L Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
February 2007
©2007 Fairchild Semiconductor Corporation
FDB8447L Rev.C
www.fairchildsemi.com
1
FDB8447L
40V N-Channel PowerTrench® MOSFET
40V, 50A, 8.5m
Features
Max rDS(on) = 8.5mΩ at VGS = 10V, ID = 14A
Max rDS(on) = 11mΩ at VGS = 4.5V, ID = 11A
Fast Switching
RoHS Compliant
General Description
This N-Channel MOSFET has been produced using Fairchild
Semiconductor’s proprietary PowerTrench® technology to
deliver low rDS(on) and optimized BVDSS capability to offer
superior performance benefit in the application.
Application
Inverter
Power Supplies
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC= 25°C
50
A
-Continuous (Silicon limited)
TC= 25°C
(Note 1)
66
-Continuous
TA= 25°C
(Note 1a)
15
-Pulsed
100
EAS
Drain-Source Avalanche Energy
(Note 3)
153
mJ
PD
Power Dissipation
TC= 25°C
60
W
Power Dissipation
(Note 1a)
3.1
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
(Note 1)
2.1
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
40
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDB8447L
FDB8447L
TO-263AB
330mm
24mm
800 units
D
G
S
D
G
S
TO-263AB
FDB Series


Similar Part No. - FDB8447L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB8447L ISC-FDB8447L Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB8447L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4470 FAIRCHILD-FDS4470 Datasheet
87Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4770 FAIRCHILD-FDS4770 Datasheet
123Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3 Datasheet
193Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4072N7 FAIRCHILD-FDS4072N7 Datasheet
199Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4780 FAIRCHILD-FDS4780 Datasheet
355Kb / 6P
   40V N-Channel PowerTrench MOSFET
FDS4070N3 FAIRCHILD-FDS4070N3_04 Datasheet
173Kb / 7P
   40V N-Channel PowerTrench MOSFET
FDS4070N7 FAIRCHILD-FDS4070N7_04 Datasheet
188Kb / 8P
   40V N-Channel PowerTrench MOSFET
FDS4672A FAIRCHILD-FDS4672A Datasheet
88Kb / 5P
   40V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4470 KEXIN-KDS4470 Datasheet
63Kb / 2P
   40V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4072N3 FAIRCHILD-FDS4072N3_04 Datasheet
171Kb / 7P
   40V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com