Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C17GYATE13 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT25C17GYATE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C17GYATE13 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT25C17GYATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C17GYATE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Discontinued
Parts
11
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. L
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Notes:
(1) The device used in the above example is a 25C17SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
(2) CAT25C11 and CAT25C03 only.
ORDERING INFORMATION
Prefix
Device #
Suffix
25C17
S
I
TE13
Product
Number
25C17:16K
25C09: 8K
25C05: 4K
25C03: 2K
Tape & Reel
Operating Voltage
Blank (V
cc=2.5 to 6.0V)
1.8 (V
cc=1.8 to 6.0V)
-1.8
CAT
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
A = Automotive (-40
°C to +105°C)
Optional
Company ID
25C11: 1K
E = Extended (-40
°C to +125°C)
Package
P: PDIP
R: MSOP2
S: SOIC
U: TSSOP
L: PDIP (Lead free, Halogen free)
V: SOIC, JEDEC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP2 (Lead free, Halogen free)
GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating)
GV: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating)
GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating)
GZ: MSOP2 (Lead-free, Halogen-free, NiPdAu lead plating)


Similar Part No. - CAT25C17GYATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C17 CATALYST-CAT25C17 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C17AG-20T CATALYST-CAT25C17AG-20T Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT25C17AGA-20T CATALYST-CAT25C17AGA-20T Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT25C17AGI-20T CATALYST-CAT25C17AGI-20T Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT25C17AJ-20T CATALYST-CAT25C17AJ-20T Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT25C17GYATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com