Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY459X-1500 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BY459X-1500
Description  Damper diode fast, high-voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY459X-1500 Datasheet(HTML) 1 Page - NXP Semiconductors

  BY459X-1500 Datasheet HTML 1Page - NXP Semiconductors BY459X-1500 Datasheet HTML 2Page - NXP Semiconductors BY459X-1500 Datasheet HTML 3Page - NXP Semiconductors BY459X-1500 Datasheet HTML 4Page - NXP Semiconductors BY459X-1500 Datasheet HTML 5Page - NXP Semiconductors BY459X-1500 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Damper diode
BY459X-1500, BY459X-1500S
fast, high-voltage
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 1500 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 1.2 V / 1.25 V
• High thermal cycling performance
• Isolated mounting tab
I
F(peak) = 12 A (f = 48 kHz)
I
F(peak) = 10 A (f = 82 kHz)
I
FSM ≤ 100 A
t
rr ≤ 350 ns / 220 ns
GENERAL DESCRIPTION
PINNING
SOD113
Glass-passivated double diffused
PIN
DESCRIPTION
rectifier diode featuring fast forward
recovery and low forward recovery
1
cathode
voltage. The device is intended for
use
in
HDTV
receivers
and
2
anode
multi-sync
monitor
horizontal
deflection circuits.
tab
isolated
The BY459X series is supplied in
the conventional leaded SOD113
package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
RSM
Peak non repetitive reverse
-
1500
V
voltage
V
RRM
Peak repetitive reverse
-
1500
V
voltage
V
RWM
Crest working reverse voltage
-
1300
V
-1500
-1500S
I
F(peak)
Peak working forward current
f = 48 kHz;
-
12
-
A
f = 82 kHz;
-
-
10
A
I
FRM
Peak repetitive forward
t = 100
µs
-
100
A
current
I
F(RMS)
RMS forward current
-
30
A
I
FSM
Peak non-repetitive forward
t = 10 ms
-
100
A
current
t = 8.3 ms
-
110
A
sinusoidal; T
j = 150 ˚C prior to
surge; with reapplied V
RWM(max)
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
150
˚C
temperature
k
a
12
12
case
August 1998
1
Rev 1.000


Similar Part No. - BY459X-1500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY459X-1500S PHILIPS-BY459X-1500S Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
More results

Similar Description - BY459X-1500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY329-1700S PHILIPS-BY329-1700S Datasheet
33Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359-1500 PHILIPS-BY359-1500 Datasheet
38Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459DX-1500 PHILIPS-BY459DX-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.100
BY459X-1500 PHILIPS-BY459X-1500 Datasheet
40Kb / 6P
   Damper diode fast, high-voltage
August 1998 Rev 1.000
BY479X-1700 PHILIPS-BY479X-1700 Datasheet
42Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.200
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com