Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT523 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT523
Description  Configured Digitally Programmable Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT523 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT523_04 Datasheet HTML 1Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 2Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 3Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 4Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 5Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 6Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 7Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 8Page - Catalyst Semiconductor CAT523_04 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT523
5
Doc. No. 2005, Rev. E
DPP addressing is as follows:
DPP OUTPUT
A0
A1
VOUT1
0
0
VOUT2
1
0
PIN DESCRIPTION
Pin
Name
Function
1VDD
Power supply positive.
2
CLK
Clock input pin.Clock input pin.
3
RDY/
BSY
Ready/Busy Output
4
CS
Chip Select
5
DI
Serial data input pin.
6
DO
Serial data output pin.
7
PROG
EEPROM Programming Enable
Input
8
GND
Power supply ground.
9VREFL
Minimum DPP output voltage.
10
NC
No Connect.
11
NC
No Connect.
12
VOUT2
DPP output channel 2.
13
VOUT1
DPP output channel 1.
14
VREFH
Maximum DPP output voltage.
DEVICE OPERATION
The CAT523 is a dual 8-bit configured digitally
programmable potentiometer (DPP) whose outputs can
be programmed to any one of 256 individual voltage
steps. Once programmed, these output settings are
retained in non-volatile memory and will not be lost
when power is removed from the chip. Upon power up
the DPPs return to the settings stored in non-volatile
memory. Each DPP can be written to and read from
independently without effecting the output voltage during
the read or write cycle.
Each output can also be
temporarily adjusted without changing the stored output
setting, which is useful for testing new output settings
before storing them in memory.
DIGITAL INTERFACE
The CAT523 employs a 3 wire, Microwire-like, serial
control interface consisting of Clock (CLK), Chip Select
(CS) and Data In (DI) inputs. For all operations, address
and data are shifted in LSB first. In addition, all digital
data must be preceded by a logic “1” as a start bit. The
DPP address and data are clocked into the DI pin on the
clock’s rising edge. When sending multiple blocks of
information a minimum of two clock cycles is required
between the last block sent and the next start bit.
Multiple devices may share a common input data line by
selectively activating the CS control of the desired IC.
Data Outputs (DO) can also share a common line
because the DO pin is Tri-Stated and returns to a high
impedance when not in use.
CHIP SELECT
Chip Select (CS) enables and disables the CAT523’s
read and write operations. When CS is high data may be
read to or from the chip, and the Data Output (DO) pin is
active. Data loaded into the DPP control registers will
remain in effect until CS goes low. Bringing CS to a logic
low returns all DPP outputs to the settings stored in non-
volatile memory and switches DO to its high impedance
Tri-State mode.
Because CS functions like a reset the CS pin has been
equipped with a 30 ns to 90 ns filter circuit to prevent
noise spikes from causing unwanted resets and the loss
of volatile data.
CLOCK
The CAT523’s clock controls both data flow in and out of
the IC and non-volatile memory cell programming. Serial
data is shifted into the DI pin and out of the DO pin on the
clock’s rising edge. While it is not necessary for the clock
to be running between data transfers, the clock must be
operating in order to write to non-volatile memory, even
though the data being saved may already be resident in
the DPP wiper control register.
No clock is necessary upon system power-up. The
CAT523’s internal power-on reset circuitry loads data
from non-volatile memory to the DPPs without using the
external clock.
As data transfers are edge triggered clean clock
transitions are necessary to avoid falsely clocking data
into the control registers. Standard CMOS and TTL logic
families work well in this regard and it is recommended
that any mechanical switches used for breadboarding or
device evaluation purposes be debounced by a flip-flop
or other suitable debouncing circuit.


Similar Part No. - CAT523_04

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
More results

Similar Description - CAT523_04

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com