Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN11220ACF Datasheet(PDF) 6 Page - SONiX Technology Company

Part No. SN11220ACF
Description  USB Audio Controller
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONIX [SONiX Technology Company]
Homepage  http://www.sonix.com.tw
Logo 

SN11220ACF Datasheet(HTML) 6 Page - SONiX Technology Company

Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Data Sheet
USB Audio Controller
SN11220ACF
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2006 Aug 10, V1.01
- 5 -
21
VDD
P
3.3V power pin
22
LFA
I/O
Filter for internal PLL
23
VSSA_PLLA
P
GND pin
24
XSDIN/PCM_DIN
I, ST
I
2S Din / PCM_Din
25
XSCLK/PCM_CLK
O, 4mA, SR
I
2S SCLK for play/PCM_CLK (Master out/Slave in)
26
XLRCK/PCM_FS
O, 4mA, SR
I
2S L/R frame for play /PCM_FS (Master out/Slave in)
27
XSDOUT/
PCM_DOUT
O, 4mA, SR
I
2S Dout/PCM_Dout
28
XOUSB
O
6 MHz clock osc pin for USB PLL
29
XIUSB
I
6 MHz clock osc pin for USB PLL
30
GPIO3
I/O
General Purpose I/O 3
31
PDSW
O, 4mA, SR
Power down switch control -- 0: normal mode, 1: power
down mode. This pin is in power down mode when the
device is in suspending mode.
32
XMCLK/BITCLK
O, 8mA, SR
I
2S CODEC master clock for play
33
FREQMODE2
I, ST
Frequency mode select 2. {freqmode 2, 1, 0}: 011: 48K,
010: 44.1K, 001: 11.025K, 000: 8K, 111: 32K, 110:
24.1K, 101: 22.05K, 100: 16K
34
FREQMODE1
I, ST
Frequency mode select 1. {freqmode 2, 1, 0}: 011: 48K,
010: 44.1K, 001: 11.025K, 000: 8K, 111: 32K, 110:
24.1K, 101: 22.05K, 100: 16K
35
VDD
P
3.3V power pin / regulator 3.3V out
36
VDD5D
P
5V power pin
37
VSS
P
GND pin
38
RECORD
I, ST
Recording function enable (1) / disable (0)
39
MUTER
I, ST
Recording mute, edge trigger with 64ms de-bouncing
circuit
40
FREQMODE0
I, ST
Frequency mode select 1. {freqmode 2, 1, 0}: 011: 48K,
010: 44.1K, 001: 11.025K, 000: 8K, 111: 32K, 110:
24.1K, 101: 22.05K, 100: 16K


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN11113_1USB Two Channel Audio Controller 1 2 3 4 5 MoreSONiX Technology Company
SN11116USB Six Channel Audio Controller 1 2 3 4 5 MoreSONiX Technology Company
SN11121ASFUSB AUDIO Controller 1 2 3 4 5 MoreSONiX Technology Company
NC41120-0018STANDARD Micro Controller Specification USB Interface Controller Chip 1 2 3 Fujitsu Component Limited.
NET2272USB 2.0 Peripheral Controller 1 2 3 4 5 MoreList of Unclassifed Manufacturers
VT6202USB 2.0 UHCI and EHCI Host Controller for the PCI Bus 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PCM2904STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF 1 2 3 4 5 MoreBurr-Brown (TI)
DS4201USB Audio DAC 1 2 3 4 5 MoreDallas Semiconductor
USB25022-Port USB 2.0 Hub Controller 1 2 3 4 5 MoreSMSC Corporation
KCUSB3USB Controller - Quick Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn