Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24WC02GZATE13F Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT24WC02GZATE13F
Description  1K/2K/4K/8K/16K-Bit Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC02GZATE13F Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT24WC02GZATE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 11Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 12Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 13Page - Catalyst Semiconductor CAT24WC02GZATE13F Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT24WC01/02/04/08/16
11
Doc. No. 1022, Rev. N
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8 LEAD MSOP (R, Z, GZ)
0.0150
0.0110
0.38
0.28
0.1970
0.1890
5.00
4.80
S
0.0256 [0.65] BSC
0.1220
0.1142
3.10
2.90
0.0433 [1.10] MAX.
0.039 [0.10] MAX.
S
0.0059
0.0020
0.15
0.05
S
0.0374
0.0295
0.95
0.75
0.0276
0.0157
0.70
0.40
0.1220
0.1142
3.10
2.90
0˚ - 6˚
0.0091
0.0051
0.23
0.13
0.0118 [0.30] REF.
BASE METAL
0.0050 [0.127]
0.0150
0.0110
0.38
0.28
WITH
PLATING
SECTION A - A
WITH PLATING
Notes:
(1) All dimensions are in mm Angles in degrees.
2
Does not include Mold Flash, Protrusion or Gate Burrs. Mold Flash, Protrusions or Gate Burrs shall not exceed 0.15 mm. per side.
3
Does not include Interlead Flash orProtrusion. Interlead Flash or Protrusion shall not exceed 0.25 mm per side.
4
Does not include Dambar Protrusion, allowable Dambar Protrusion shall be 0.08 mm.
(5) This part is compliant with JEDEC Specification MO-187 Variations AA.
(6) Lead span/stand off height/coplanarity are considered as special characteristics. (S)
(7) Controlling dimensions in inches. [mm]


Similar Part No. - CAT24WC02GZATE13F

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC02 CATALYST-CAT24WC02 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC02 CATALYST-CAT24WC02 Datasheet
2Mb / 14P
   Serial EEPROM
CAT24WC02J-1.8TE13C CATALYST-CAT24WC02J-1.8TE13C Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC02J-1.8TE13F CATALYST-CAT24WC02J-1.8TE13F Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC02J-TE13C CATALYST-CAT24WC02J-TE13C Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results

Similar Description - CAT24WC02GZATE13F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Samsung semiconductor
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com