Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C32Y14SATE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT25C32Y14SATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C32Y14SATE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT25C32Y14SATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C32Y14SATE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
CAT25C32/64
Doc. No. 1001, Rev. G
Protected
Unprotected
Status
WPEN
WP
WP
WP
WP
WP
WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
WRITE PROTECT ENABLE OPERATION
the communication between the microcontroller and the
25C32/64. Opcodes, byte addresses, or data present on
the SI pin are latched on the rising edge of the SCK. Data
on the SO pin is updated on the falling edge of the SCK.
CS
CS
CS
CS
CS: Chip Select
CS is the Chip select pin. CS low enables the CAT25C32/
64 and
CS high disables the CAT25C32/64. CS high
takes the SO output pin to high impedance and forces
the devices into a Standby Mode (unless an internal
write operation is underway). The CAT25C32/64 draws
ZERO current in the Standby mode. A high to low
transition on
CS is required prior to any sequence being
initiated. A low to high transition on
CS after a valid write
sequence is what initiates an internal write cycle.
WP
WP
WP
WP
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When
WP is tied low and the WPEN bit in the status
register is set to “1”, all write operations to the status
register are inhibited.
WP going low while CS is still low
will interrupt a write to the status register. If the internal
write cycle has already been initiated,
WP going low will
have no effect on any write operation to the status
register. The
WP pin function is blocked when the WPEN
bit is set to 0.
HOLD
HOLD
HOLD
HOLD
HOLD: Hold
The
HOLD pin is used to pause transmission to the
CAT25C32/64 while in the middle of a serial sequence
without having to re-transmit entire sequence at a later
time. To pause,
HOLD must be brought low while SCK
is low. The SO pin is in a high impedance state during the
time the part is paused, and transitions on the SI pins will
be ignored. To resume communication,
HOLD is brought
high, while SCK is low.
(HOLD should be held high any
time this function is not being used.)
HOLD may be tied
high directly to Vcc or tied to Vcc through a resistor.
Figure 9 illustrates hold timing sequence.
76543210
WPEN
X
X
X
BP1
BP0
WEL
RDY
STATUS REGISTER
Status Register Bits
Array Address
Protection
BP1
BP0
Protected
0
0
None
No Protection
0
1
25C32: 0C00-0FFF
Quarter Array Protection
25C64:1800-1FFF
1
0
25C32: 800-0FFF
Half Array Protection
25C64:1000-1FFF
1
1
25C32: 0000-0FFF
Full Array Protection
25C64:0000-1FFF
BLOCK PROTECTION BITS


Similar Part No. - CAT25C32Y14SATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C32X CATALYST-CAT25C32X Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results

Similar Description - CAT25C32Y14SATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com