Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C65GLSITE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT25C65GLSITE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C65GLSITE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT25C65GLSITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C65GLSITE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Discontinued
Parts
6
CAT25C33/65
Doc. No. 1000, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 2. WREN Instruction Timing
Figure 3. WRDI Instruction Timing
Note: Dashed Line= mode (1, 1) — — — —
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
CS
SO
00000
11
0
HIGH IMPEDANCE
SK
SI
CS
SO
00000
10
0
HIGH IMPEDANCE
directly to Vcc or tied to Vcc through a resistor. Figure
9 illustrates hold timing sequence.
STATUS REGISTER
The Status Register indicates the status of the device.
The
RDY (Ready) bit indicates whether the CAT25C33/
65 is busy with a write operation. When set to 1 a write
cycle is in progress and when set to 0 the device
indicates it is ready. This bit is read only.
The WEL (Write Enable) bit indicates the status of the
write enable latch . When set to 1, the device is in a
Write Enable state and when set to 0 the device is in
a Write Disable state. The WEL bit can only be set by
the WREN instruction and can be reset by the WRDI
instruction.
The BP0, BP1 and BP2 (Block Protect) bits indicate
which blocks are currently protected. These bits are
set by the user issuing the WRSR instruction. The user
is allowed to protect any quarter of the memory, the
lower half of the memory, the first page or the last page by
setting these bits. Once protected the user may only
read from the protected portion of the array. These bits are
non-volatile.
The WPEN (Write Protect Enable) is an enable bit for the
WP
pin. The
WP pin and WPEN bit in the status register control
the programmable hardware write protect feature.Hardware
write protection is enabled when
WP is low and WPEN bit
is set to high. The user cannot write to the status register
(including the block protect bits and the WPEN bit) and the
block protected sections in thememory array when the chip
is hardware write protected.
Only the sections of the
memory array that are not block protected can be written.
Hardware write protection is disabled when either
WP pin is
high or the WPEN bit is zero.
DEVICE OPERATION
Write Enable and Disable
The CAT25C33/65 contains a write enable latch. This latch
must be set before any write operation. The device powers


Similar Part No. - CAT25C65GLSITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65LA-1.8TE13 CATALYST-CAT25C65LA-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65LA-TE13 CATALYST-CAT25C65LA-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65LE-1.8TE13 CATALYST-CAT25C65LE-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65LE-TE13 CATALYST-CAT25C65LE-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C65GLSITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com