Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28LV256T13I-30T Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT28LV256T13I-30T
Description  256K-Bit CMOS PARALLEL E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV256T13I-30T Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT28LV256T13I-30T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV256T13I-30T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT28LV256
4
Doc. No. 1071, Rev. B
D.C. OPERATING CHARACTERISTICS
VCC = 3.0V to 3.6V, unless otherwise specified
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
VCC Current (Operating, TTL)
15
mA
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
ISBC(2)
VCC Current (Standby, CMOS)
150
µA
CE = VIHC,
All I/O’s Open
ILI
Input Leakage Current
–1
1
µAVIN = GND to VCC
ILO
Output Leakage Current
–5
5
µAVOUT = GND to VCC,
CE = VIH
VIH(2)
High Level Input Voltage
2
VCC +0.3
V
VIL
Low Level Input Voltage
–0.3
0.6
V
VOH
High Level Output Voltage
2
V
IOH = –100
µA
VOL
Low Level Output Voltage
0.3
V
IOL = 1.0mA
VWI
Write Inhibit Voltage
2
V
A.C. CHARACTERISTICS, Read Cycle
VCC = 3.0V to 3.6V, unless otherwise specified
28LV256-20
28LV256-25
28LV256-30
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max. Units
tRC
Read Cycle Time
200
250
300
ns
tCE
CE Access Time
200
250
300
ns
tAA
Address Access Time
200
250
300
ns
tOE
OE Access Time
80
100
110
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(3)
CE High to High-Z Output
50
55
60
ns
tOHZ(1)(3)
OE High to High-Z Output
50
55
60
ns
tOH(1)
Output Hold from Address Change
0
0
0
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) VIHC = VCC –0.3V to VCC +0.3V.
(3) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.


Similar Part No. - CAT28LV256T13I-30T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV256T13I-30T CATALYST-CAT28LV256T13I-30T Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV256T13I-30T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com