Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C46VP2IT2 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93C46VP2IT2
Description  1-Kb Microwire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C46VP2IT2 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93C46VP2IT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C46VP2IT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT93C46
3
Doc No. 1106, Rev. F
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Limits
Symbol
Parameter
Min
Max
Units
tCSS
CS Setup Time
50
ns
tCSH
CS Hold Time
0
ns
tDIS
DI Setup Time
100
ns
tDIH
DI Hold Time
100
ns
tPD1
Output Delay to 1
0.25
µs
tPD0
Output Delay to 0
0.25
µs
tHZ(1)
Output Delay to High-Z
100
ns
tEW
Program/Erase Pulse Width
5
ms
tCSMIN
Minimum CS Low Time
0.25
µs
tSKHI
Minimum SK High Time
0.25
µs
tSKLOW
Minimum SK Low Time
0.25
µs
tSV
Output Delay to Status Valid
0.25
µs
SKMAX
Maximum Clock Frequency
DC
2000
kHz
A.C. CHARACTERISTICS(2)
VCC = +1.8V to +5.5V, TA=-40°C to +85°C, unless otherwise specified.
PIN CAPACITANCE
TA=25°C, f=1MHz, VCC=5V
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT(1)
Output Capacitance (DO)
VOUT=0V
5
pF
CIN(1)
Input Capacitance (CS, SK, DI, ORG)
VIN=0V
5
pF
NOTES:
(1) These parameters are tested initially and after a design or process change that affects the parameter according to
appropriate AEC-Q100 and JEDEC test methods.
(2) Test conditions according to “AC Test Conditions” table.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
POWER-UP TIMING (1)(3)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Similar Part No. - CAT93C46VP2IT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46VP2I-GT2 ONSEMI-CAT93C46VP2I-GT2 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2I-GT3 ONSEMI-CAT93C46VP2I-GT3 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2I-T2 ONSEMI-CAT93C46VP2I-T2 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2I-T3 ONSEMI-CAT93C46VP2I-T3 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
CAT93C46VP2IGT3 ONSEMI-CAT93C46VP2IGT3 Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
More results

Similar Description - CAT93C46VP2IT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C46B ONSEMI-CAT93C46B_18 Datasheet
193Kb / 15P
   EEPROM Serial 1-Kb Microwire
May 2018 ??Rev. 4
CAT93C46LI-G ONSEMI-CAT93C46LI-G Datasheet
173Kb / 16P
   1 kb Microwire Serial EEPROM
May, 2012 ??Rev. 9
CAT93C46R ONSEMI-CAT93C46R Datasheet
153Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 7
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46 ONSEMI-CAT93C46 Datasheet
154Kb / 13P
   1 kb Microwire Serial EEPROM
October, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT93C46R CATALYST-CAT93C46R Datasheet
486Kb / 13P
   1-Kb Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C46YI-G ONSEMI-CAT93C46YI-G Datasheet
153Kb / 13P
   1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT93C46R ONSEMI-CAT93C46R_13 Datasheet
155Kb / 12P
   1 kb Microwire Serial EEPROM
October, 2013 ??Rev. 9
logo
Catalyst Semiconductor
CAT93HC46 CATALYST-CAT93HC46 Datasheet
61Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
CAT93HC46 CATALYST-CAT93HC46_05 Datasheet
239Kb / 9P
   1-kb High Speed Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com