Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C66LIT2 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93C66LIT2
Description  4-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C66LIT2 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C66LIT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C66LIT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CAT93C66
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. 1089 Rev. P
Characteristics subject to change without notice
4-Kb Microwire Serial CMOS EEPROM
FEATURES
High speed operation: 2MHz
1.8V to 5.5V supply voltage range
Selectable x8 or x16 memory organization
Sequential read
Software write protection
Power-up inadvertant write protection
Low power CMOS technology
1,000,000 Program/erase cycles
100 year data retention
Industrial temperature ranges
RoHS-compliant 8-pin PDIP, SOIC, TSSOP and
8-pad TDFN packages
PIN CONFIGURATION
PDIP (L)
SOIC (V, X)
TSSOP (Y)
TDFN (VP2, ZD4)*
CS
1
8 VCC
SK
2
7 NC
DI
3
6 ORG
DO
4
5 GND
SOIC (W)
NC
1
8 ORG
VCC 2
7 GND
CS
3
6 DO
SK
4
5DI
* TDFN 3x3mm (ZD4) package is available only for Die Rev E
(not recommended for new designs)
PIN FUNCTION
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection
DESCRIPTION
The CAT93C66 is a 4-Kb CMOS Serial EEPROM
device which is organized as either 256 registers of 16
bits (ORG pin at VCC) or 512 registers of 8 bits (ORG
pin at GND). Each register can be written (or read)
serially by using the DI (or DO) pin. The CAT93C66
features sequential read and self-timed internal write
with auto-clear. On-chip Power-On Reset circuitry
protects the internal logic against powering up in the
wrong state.
For Ordering Information details, see page 15.
FUNCTIONAL SYMBOL
CS
SK
DI
ORG
DO
CAT93C66
VCC
GND
Note: When the ORG pin is connected to VCC, the x16 organization
is selected. When it is connected to ground, the x8 organization is
selected. If the ORG pin is left unconnected, then an internal pullup
device will select the x16 organization


Similar Part No. - CAT93C66LIT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM Self?뭪imed Write Cycle with Auto?뭖lear
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66LI-G ONSEMI-CAT93C66LI-G Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
More results

Similar Description - CAT93C66LIT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
CAT93C6612KI-28TE13 ONSEMI-CAT93C6612KI-28TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
N93C66 ONSEMI-N93C66 Datasheet
82Kb / 9P
   4 Kb Microwire Serial CMOS EEPROM
October, 2017 ??Rev. 0
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com