Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10124L Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10124L
Description  Quad TTL to MECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10124L Datasheet(HTML) 1 Page - ON Semiconductor

  MC10124L Datasheet HTML 1Page - ON Semiconductor MC10124L Datasheet HTML 2Page - ON Semiconductor MC10124L Datasheet HTML 3Page - ON Semiconductor MC10124L Datasheet HTML 4Page - ON Semiconductor MC10124L Datasheet HTML 5Page - ON Semiconductor MC10124L Datasheet HTML 6Page - ON Semiconductor MC10124L Datasheet HTML 7Page - ON Semiconductor MC10124L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10124/D
MC10124
Quad TTL to MECL
Translator
The MC10124 is a quad translator for interfacing data and control
signals between a saturated logic section and the MECL section of
digital systems. The MC10124 has TTL compatible inputs, and
MECL complementary open–emitter outputs that allow use as an
inverting/ non–inverting translator or as a differential line driver.
When the common strobe input is at the low logic level, it forces all
true outputs to a MECL low logic state and all inverting outputs to a
MECL high logic state.
Power supply requirements are ground, +5.0 Volts, and –5.2 Volts.
Propagation delay of the MC10124 is typically 3.5 ns. The dc levels
are standard or Schottky TTL in, MECL 10,000 out.
An advantage of this device is that TTL level information can be
transmitted differentially, via balanced twisted pair lines, to the MECL
equipment, where the signal can be received by the MC10115 or
MC10116 differential line receivers. The MC10124 is useful in
computers, instrumentation, peripheral controllers, test equipment,
and digital communications systems.
P
D = 380 mW typ/pkg (No Load)
t
pd = 3.5 ns typ (+ 1.5 Vdc in to 50% out)
t
r, tf = 2.5 ns typ (20%–80%)
LOGIC DIAGRAM
Gnd
=
PIN 16
VCC (+5.0Vdc) =
PIN 9
VEE (-5.2Vdc) =
PIN 8
11
13
14
10
12
15
7
3
1
6
5
4
2
DIP PIN ASSIGNMENT
BOUT
AOUT
BOUT
AOUT
AIN
COMMON
STROBE
BIN
VEE
GND
COUT
DOUT
DOUT
COUT
DIN
CIN
VCC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10124L
CDIP–16
25 Units / Rail
MC10124P
PDIP–16
25 Units / Rail
MC10124FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10124L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10124
AWLYYWW
1
1
16
MC10124P
AWLYYWW


Similar Part No. - MC10124L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
More results

Similar Description - MC10124L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10H124 ONSEMI-MC10H124 Datasheet
79Kb / 6P
   Quad TTL-to-MECL Translator With TTL Strobe Input
September, 2004 ??Rev. 8
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125_06 Datasheet
156Kb / 8P
   Quad MECL?뭪o?뭈TL Translator
February, 2006 ??Rev. 12
MC10H125 ONSEMI-MC10H125_16 Datasheet
149Kb / 6P
   Quad MECL?릘o?륳TL Translator
August, 2016 ??Rev. 14
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com