Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10117P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10117P
Description  Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10117P Datasheet(HTML) 1 Page - ON Semiconductor

  MC10117P Datasheet HTML 1Page - ON Semiconductor MC10117P Datasheet HTML 2Page - ON Semiconductor MC10117P Datasheet HTML 3Page - ON Semiconductor MC10117P Datasheet HTML 4Page - ON Semiconductor MC10117P Datasheet HTML 5Page - ON Semiconductor MC10117P Datasheet HTML 6Page - ON Semiconductor MC10117P Datasheet HTML 7Page - ON Semiconductor MC10117P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10117/D
MC10117
Dual 2-Wide 2-3-Input
OR-AND/OR-AND Gate
The
MC10117
is
a
dual
2–wide
2–3–input
OR–AND/OR–AND–Invert gate. This general purpose logic element
is designed for use in data control, such as digital multiplexing or data
distribution. Pin 9 is common to both gates.
P
D = 100 mW typ/pkg (No Load)
t
pd = 2.3 ns typ
t
r, tf = 2.2 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
12
13
11
10
9
7
6
5
4
3
2
14
15
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
A1IN
A1IN
A2IN
A2IN
VEE
VCC2
BOUT
BOUT
B1IN
B1IN
B2IN
B2IN
A2IN, B2IN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10117L
CDIP–16
25 Units / Rail
MC10117P
PDIP–16
25 Units / Rail
MC10117FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10117L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10117
AWLYYWW
1
1
16
MC10117P
AWLYYWW


Similar Part No. - MC10117P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
More results

Similar Description - MC10117P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10117 ONSEMI-MC10117 Datasheet
104Kb / 5P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
MC10H117 ONSEMI-MC10H117 Datasheet
96Kb / 3P
   Dual 2-Wide 2-3-Input OR-AND/OR-AND Gate
1996 REV 5
logo
NXP Semiconductors
10118 PHILIPS-10118 Datasheet
174Kb / 4P
   Dual 2-Wide 3-Input OR-AND Gate
June 14 1990
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
   Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
   Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
logo
Motorola, Inc
SN54LS51 MOTOROLA-SN54LS51 Datasheet
48Kb / 2P
   DUAL 2-WIDE 2-INPUT/ 3-INPUT AND-OR-INVERT GATE
logo
Hitachi Semiconductor
HD74HC51 HITACHI-HD74HC51 Datasheet
46Kb / 8P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
logo
Renesas Technology Corp
HD74HC51 RENESAS-HD74HC51 Datasheet
90Kb / 7P
   2-wide 2-input, 2-wide 3-input AND-OR-INVERT Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com