Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10116 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10116
Description  Triple Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10116 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10116_02 Datasheet HTML 1Page - ON Semiconductor MC10116_02 Datasheet HTML 2Page - ON Semiconductor MC10116_02 Datasheet HTML 3Page - ON Semiconductor MC10116_02 Datasheet HTML 4Page - ON Semiconductor MC10116_02 Datasheet HTML 5Page - ON Semiconductor MC10116_02 Datasheet HTML 6Page - ON Semiconductor MC10116_02 Datasheet HTML 7Page - ON Semiconductor MC10116_02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10116
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
23
17
21
23
mAdc
Input Current
IinH
4
150
95
95
µAdc
ICBO
4
1.5
1.0
1.0
µAdc
Output Voltage
Logic 1
VOH
2
3
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
3
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
3
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
3
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Reference Voltage
VBB
11
–1.420
–1.280
–1.350
–1.230
–1.295
–1.150
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t4+2+
t4–2–
t4+3–
t4–3+
2
2
3
3
1.0
1.0
1.0
1.0
3.1
3.1
3.1
3.1
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.9
2.9
2.9
2.9
1.0
1.0
1.0
1.0
3.3
3.3
3.3
3.3
Rise Time
(20 to 80%)
t2+
t3+
2
3
1.1
1.1
3.6
3.6
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.7
3.7
Fall Time
(20 to 80%)
t2–
t3–
2
3
1.1
1.1
3.6
3.6
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.7
3.7


Similar Part No. - MC10116_02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
More results

Similar Description - MC10116_02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10116 ONSEMI-MC10116 Datasheet
101Kb / 5P
   Triple Line Receiver
1996 REV 5
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com