Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1489 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC1489
Description  Quad Line EIA??32D Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1489 Datasheet(HTML) 3 Page - ON Semiconductor

  MC1489_06 Datasheet HTML 1Page - ON Semiconductor MC1489_06 Datasheet HTML 2Page - ON Semiconductor MC1489_06 Datasheet HTML 3Page - ON Semiconductor MC1489_06 Datasheet HTML 4Page - ON Semiconductor MC1489_06 Datasheet HTML 5Page - ON Semiconductor MC1489_06 Datasheet HTML 6Page - ON Semiconductor MC1489_06 Datasheet HTML 7Page - ON Semiconductor MC1489_06 Datasheet HTML 8Page - ON Semiconductor MC1489_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC1489, MC1489A
http://onsemi.com
3
MAXIMUM RATINGS (TA = + 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
10
Vdc
Input Voltage Range
VIR
± 30
Vdc
Output Load Current
IL
20
mA
Power Dissipation (Package Limitation, SOIC−14 and Plastic Dual In−Line Package)
Derate above TA = + 25°C
PD
1/qJA
1000
6.7
mW
mW/°C
Operating Ambient Temperature Range
TA
0 to + 75
°C
Storage Temperature Range
Tstg
− 65 to + 175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (Response control pin is open.) (VCC = + 5.0 Vdc ± 10%, TA = 0 to + 75°C, unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Positive Input Current
(VIH = + 25 Vdc)
(VIH = + 3.0 Vdc)
IIH
3.6
0.43
8.3
mA
Negative Input Current
(VIH = − 25 Vdc)
(VIH = − 3.0 Vdc)
IIL
− 3.6
− 0.43
− 8.3
mA
Input Turn−On Threshold Voltage
(TA = + 25°C, VOL p 0.45 V)
MC1489
MC1489A
VIH
1.0
1.75
1.95
1.5
2.25
Vdc
Input Turn−Off Threshold Voltage
(TA = + 25°C, VOH q 2.5 V, IL = − 0.5 mA)
MC1489
MC1489A
VIL
0.75
0.75
0.8
1.25
1.25
Vdc
Output Voltage High
(VIH = 0.75 V, IL = − 0.5 mA)
(Input Open Circuit, IL = − 0.5 mA)
VOH
2.5
2.5
4.0
4.0
5.0
5.0
Vdc
Output Voltage Low
(VIL = 3.0 V, IL = 10 mA)
VOL
0.2
0.45
Vdc
Output Short−Circuit Current
IOS
− 3.0
− 4.0
mA
Power Supply Current (All Gates “on,” Iout = 0 mA, VIH = + 5.0 Vdc)
ICC
16
26
mA
Power Consumption
(VIH = + 5.0 Vdc)
PC
80
130
mW
SWITCHING CHARACTERISTICS (VCC = 5.0 Vdc ± 1%, TA = + 25°C, See Figure 3.)
Propagation Delay Time
(RL = 3.9 kW)
tPLH
25
85
ns
Rise Time
(RL = 3.9 kW)
tTLH
120
175
ns
Propagation Delay Time
(RL = 390 kW)
tPHL
25
50
ns
Fall Time
(RL = 390 kW)
tTHL
10
20
ns


Similar Part No. - MC1489_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
More results

Similar Description - MC1489_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
   Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML Datasheet
467Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
Texas Instruments
DS96F173MQML TI1-DS96F173MQML_13 Datasheet
445Kb / 14P
[Old version datasheet]   DS96F173MQML/DS96F175MQML EIA-485/EIA-422 Quad Differential Receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
Texas Instruments
DS96F173M TI1-DS96F173M_13 Datasheet
280Kb / 12P
[Old version datasheet]   DS96F173M/DS96F175C/DS96F175M EIA-485/EIA-422 Quad Differential Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com