Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC1488 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MC1488
Description  Quad Line EIA−232D Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MC1488 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC1488
http://onsemi.com
4
CHARACTERISTIC DEFINITIONS
10
13
9
4
12
5
1
2
14
9.0 V
5.0 V
IIH
IIL
−9.0 V
7
1.9 V
7
VOL
9.0 V
VOH
0.8 V
VOL
3.0 k
VOH
14
1
−9.0 V
2
4
9
12
3
6
8
11
9
2
14
4
5
IOS +
1
11
6
8
13
9
4
12
3
1
± 6.6 mA Max
3
7
8
6
11
0.8 V
2
1.9 V
14
VEE
VCC
7
10
12
IOS ±
VO
± 2.0 Vdc
IOS −
tTHL and tTLH Measured 10% to 90%
VO
15 pF
3.0 k
50%
tPHL
tPLH
tTLH
tTHL
ein
0 V
3.0 V
1.5 V
ein
VO
ICC
VIL
2
VCC
1
14
7
12
4
9
IEE
VEE
1.9 V
VIH
0.8 V
Figure 3. Input Voltage
Figure 4. Output Current
Figure 5. Output Short−Circuit Current
Figure 6. Output Resistance (Power Off)
Figure 7. Power Supply Currents
Figure 8. Switching Response


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn