Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC1403BDG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC1403BDG
Description  Low Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1403BDG Datasheet(HTML) 1 Page - ON Semiconductor

  MC1403BDG Datasheet HTML 1Page - ON Semiconductor MC1403BDG Datasheet HTML 2Page - ON Semiconductor MC1403BDG Datasheet HTML 3Page - ON Semiconductor MC1403BDG Datasheet HTML 4Page - ON Semiconductor MC1403BDG Datasheet HTML 5Page - ON Semiconductor MC1403BDG Datasheet HTML 6Page - ON Semiconductor MC1403BDG Datasheet HTML 7Page - ON Semiconductor MC1403BDG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
March, 2005 − Rev. 4
1
Publication Order Number:
MC1403/D
MC1403, B
Low Voltage Reference
A precision band−gap voltage reference designed for critical
instrumentation and D/A converter applications. This unit is designed
to work with D/A converters, up to 12 bits in accuracy, or as a
reference for power supply applications.
Output Voltage: 2.5 V "25 mV
Input Voltage Range: 4.5 V to 40 V
Quiescent Current: 1.2 mA Typical
Output Current: 10 mA
Temperature Coefficient: 10 ppm/°C Typical
Guaranteed Temperature Drift Specification
Equivalent to AD580
Standard 8−Pin DIP, and 8−Pin SOIC Package
Typical Applications
Voltage Reference for 8 to 12 Bit D/A Converters
Low T
C Zener Replacement
High Stability Current Reference
Voltmeter System Reference
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VI
40
V
Storage Temperature
Tstg
− 65 to 150
°C
Junction Temperature
TJ
+175
°C
Operating Ambient Temperature Range
MC1403B
MC1403
TA
− 40 to +85
0 to + 70
°C
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
PRECISION LOW VOLTAGE
REFERENCE
PDIP−8
P1 SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
NC
NC
NC
NC
8
1
3
Vout
GND
4
2
NC
7
Vin
6
5
8
1
8
1
PIN CONNECTIONS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC1403BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1403BD ONSEMI-MC1403BD Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
More results

Similar Description - MC1403BDG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
Maxim Integrated Produc...
MAX8069 MAXIM-MAX8069 Datasheet
147Kb / 4P
   Low-Voltage Reference
Rev 1; 9/06
logo
Renesas Technology Corp
ICL8069 RENESAS-ICL8069 Datasheet
365Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069BCSA MAXIM-ICL8069BCSA Datasheet
102Kb / 4P
   Low-Voltage Reference
19-0944; Rev 1; 3/99
logo
Renesas Technology Corp
ICL7665S RENESAS-ICL7665S Datasheet
765Kb / 6P
   Low Voltage Reference
Jan 2004
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069_05 Datasheet
182Kb / 4P
   Low-Voltage Reference
Rev 2; 6/05
logo
Intersil Corporation
ICL8069 INTERSIL-ICL8069 Datasheet
19Kb / 4P
   Low Voltage Reference
logo
Maxim Integrated Produc...
ICL8069 MAXIM-ICL8069 Datasheet
177Kb / 5P
   Low-Voltage Reference
19-0944; Rev 2; 6/05
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com