Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C256L-15T Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT28C256L-15T
Description  256K-Bit Parallel EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C256L-15T Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT28C256L-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 9Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 10Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 11Page - Catalyst Semiconductor CAT28C256L-15T Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CAT28C256
11
Doc. No. 1004, Rev. D
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT28C256NI-15T (PLCC, Industrial temperature, 150ns Access Time, Tape & Reel).
Speed
12: 120ns
15: 150ns
Prefix
Device #
Suffix
28C256
Product
Number
CAT
Optional
Company
ID
NI
T
Tape & Reel
Package
P: PDIP
N: PLCC
T13: TSOP (8mmx13.4mm)
-15
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
A = Automotive (-40
°C to +105°C)*
* -40
°C to +125°C is available upon request
L: PDIP (Lead free, Halogen free)
G: PLCC (Lead free, Halogen free)
H13: TSOP (8mmx13.4mm) (Lead free, Halogen free)


Similar Part No. - CAT28C256L-15T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C256L-15T ONSEMI-CAT28C256L-15T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
More results

Similar Description - CAT28C256L-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28LV256 ONSEMI-CAT28LV256 Datasheet
81Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1071, Rev. E
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
   256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
   256K (32K x 8) Paged Parallel EEPROM
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com