Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10161P Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10161P
Description  Binary to 1-8 Decoder (Low)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10161P Datasheet(HTML) 2 Page - ON Semiconductor

  MC10161P Datasheet HTML 1Page - ON Semiconductor MC10161P Datasheet HTML 2Page - ON Semiconductor MC10161P Datasheet HTML 3Page - ON Semiconductor MC10161P Datasheet HTML 4Page - ON Semiconductor MC10161P Datasheet HTML 5Page - ON Semiconductor MC10161P Datasheet HTML 6Page - ON Semiconductor MC10161P Datasheet HTML 7Page - ON Semiconductor MC10161P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10161
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
84
61
76
84
mAdc
Input Current
IinH
14
350
220
220
µAdc
IinL
14
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
13
13
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
13
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
13
13
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
13
–1.655
–1.630
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t14+13–
t14–13+
13
13
1.5
1.5
6.2
6.2
1.5
1.5
4.0
4.0
6.0
6.0
1.5
1.5
6.4
6.4
Rise Time
(20 to 80%)
t13+
13
1.0
3.3
1.1
2.0
3.3
1.1
3.5
Fall Time
(20 to 80%)
t13–
13
1.0
3.3
1.1
2.0
3.3
1.1
3.5
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
2,7,9,14,15
8
1,16
Input Current
IinH
14
14
8
1,16
IinL
14
14
8
1,16
Output Voltage
Logic 1
VOH
13
13
2
15
8
8
1,16
1,16
Output Voltage
Logic 0
VOL
13
14
8
1,16
Threshold Voltage
Logic 1
VOHA
13
13
2
15
8
8
1,16
1,16
Threshold Voltage
Logic 0
VOLA
13
14
8
1,16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t14+13–
t14–13+
13
13
14
14
13
13
8
8
1,16
1,16
Rise Time
(20 to 80%)
t13+
13
14
13
8
1,16
Fall Time
(20 to 80%)
t13–
13
14
13
8
1,16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Similar Part No. - MC10161P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
More results

Similar Description - MC10161P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10161 ONSEMI-MC10161 Datasheet
120Kb / 5P
   Binary to 1-8 Decoder(Low)
1996 REV 5
MC10H161 ONSEMI-MC10H161 Datasheet
119Kb / 4P
   Binary to 1-8 Decoder(Low)
REV 5
MC10H161 ONSEMI-MC10H161_00 Datasheet
138Kb / 8P
   Binary to 1-8 Decoder
March, 2000 ??Rev. 6
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
MC10H162 ONSEMI-MC10H162 Datasheet
114Kb / 4P
   Binary to 1-8 Decoder(High)
REV 5
MC10162 ONSEMI-MC10162 Datasheet
91Kb / 4P
   Binary to 1-8 Decoder (High)
January, 2002 ??Rev. 7
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com