Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10102 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10102
Description  Quad 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10102 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10102_02 Datasheet HTML 1Page - ON Semiconductor MC10102_02 Datasheet HTML 2Page - ON Semiconductor MC10102_02 Datasheet HTML 3Page - ON Semiconductor MC10102_02 Datasheet HTML 4Page - ON Semiconductor MC10102_02 Datasheet HTML 5Page - ON Semiconductor MC10102_02 Datasheet HTML 6Page - ON Semiconductor MC10102_02 Datasheet HTML 7Page - ON Semiconductor MC10102_02 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10102
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
29
20
26
29
mAdc
Input Current
IinH
12
425
265
265
µAdc
IinL
12
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
9
9
15
15
–1.060
–1.060
–1.060
–1.060
–0.890
–0.890
–0.890
–0.890
–0.960
–0.960
–0.960
–0.960
–0.810
–0.810
–0.810
–0.810
–0.890
–0.890
–0.890
–0.890
–0.700
–0.700
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
9
9
15
15
–1.890
–1.890
–1.890
–1.890
–1.675
–1.675
–1.675
–1.675
–1.850
–1.850
–1.850
–1.850
–1.650
–1.650
–1.650
–1.650
–1.825
–1.825
–1.825
–1.825
–1.615
–1.615
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
9
9
15
15
–1.080
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
9
9
15
15
–1.655
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t12+15–
t12–15+
t12+9+
t12–9–
15
15
9
9
1.0
1.0
1.0
1.0
3.1
3.1
3.1
3.1
1.0
1.0
1.0
1.0
2.0
2.0
2.0
2.0
2.9
2.9
2.9
2.9
1.0
1.0
1.0
1.0
3.3
3.3
3.3
3.3
Rise Time
(20 to 80%)
t15+
t9+
15
9
1.1
1.1
3.6
3.6
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.7
3.7
Fall Time
(20 to 80%)
t15–
t9–
15
9
1.1
1.1
3.6
3.6
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.7
3.7


Similar Part No. - MC10102_02

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
   Quad 2-Input NOR Gate
1996 REV 5
More results

Similar Description - MC10102_02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com