Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT803SSDIT10 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT803SSDIT10
Description  3-Pin Microprocessor Power Supply Supervisors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT803SSDIT10 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT803SSDIT10 Datasheet HTML 1Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 2Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 3Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 4Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 5Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT803SSDIT10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image

© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 3004, Rev. X
CAT803, CAT809, CAT810
3-Pin Microprocessor Power Supply
Supervisors
FeATureS
Precision monitoring of
+5.0V (-5%, -10%, -20%),
+3.3V (-5%, -10%),
+3.0V (-10%) and
+2.5V (-5%) power supplies
Offered in three output configurations:
- CAT803: Open-Drain Active LOW reset
- CAT809: Push-Pull Active LOW reset
- CAT810: Push-Pull Active HIGH reset
Direct replacements for the MAX803, MAX809
and MAX810 in applications operating over the
industrial temperature range
reset valid down to VCC = 1.0V
6µA power supply current
Power supply transient immunity
Industrial temperature range: -40ºC to +85ºC
Available in RoHS-compliant SOT-23 and SC70
packages
APPLICATIOnS
Computers
Servers
Laptops
Cable modems
Wireless communications
embedded control systems
White goods
Power meters
Intelligent instruments
PDAs and handheld equipment
DESCRIPTIOn
The CAT803, CAT809, and CAT80 are supervisory
circuitsthatmonitorpowersuppliesindigitalsystems.The
CAT803, CAT809, and CAT80 are direct replacements
for the MAX803, MAX809 and MAX80 in applications
operating over the industrial temperature range.
These devices generate a reset signal, which is asserted
while the power supply voltage is below a preset
threshold level and for at least 40 ms after the power
supply level has risen above that level. The underlying
floating gate technology, AE2(TM) used by Catalyst
Semiconductor, makes it possible to offer any custom
resetthresholdvalue.Sevenindustrystandardthreshold
levels are offered to support +5.0V, +3.3V, +3.0V and
+2.5V systems.
The CAT803 has an open-drain RESET output (active
LOW). The CAT803 requires a pull-up resistor on the
reset output.
The CAT809 features a push-pull RESET output (active
LOW) and the CAT810 features a push-pull RESET
output (active HIGH).
Fast transients on the power supply are ignored and
the output is guaranteed to be in the correct state at Vcc
levels as low as .0V.
The CAT803, CAT809, and CAT80 are available in both
the compact 3-pin SOT-23 and SC70 packages.
PIn COnfIGuRATIOn
(CAT803)
CAT809
(CAT810)
GND
RESET
(RESET)
VCC
3-Lead SOT23
3-Lead SC70
1
2
3
THRESHOLD SuffIX SELECTOR
nominal Threshold
Voltage
Threshold Suffix
Designation
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
for Ordering Information details, see page 11.


Similar Part No. - CAT803SSDIT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT803SSDIT3 ONSEMI-CAT803SSDIT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT803SSDIT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com