Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28F010L-90T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT28F010L-90T
Description  1 Megabit CMOS Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F010L-90T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28F010L-90T Datasheet HTML 1Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 2Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F010L-90T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CAT28F010
5
Doc. No. 1019, Rev. D
A.C. CHARACTERISTICS, Read Operation
VCC = +5V ±10%, unless otherwise specified.
28F010-90(7)
28F010-12(7)
JEDEC Standard
Symbol Symbol
Parameter
Min
Max
Min
Max
Unit
tAVAV
tRC
Read Cycle Time
90
120
ns
tELQV
tCE
CE Access Time
90
120
ns
tAVQV
tACC
Address Access Time
90
120
ns
tGLQV
tOE
OE Access Time
35
50
ns
tAXQX
tOH
Output Hold from Address
OE/CE Change
0
0
ns
tGLQX
tOLZ(1)(6) OE to Output in Low-Z
0
0
ns
tELZX
tLZ(1)(6)
CE to Output in Low-Z
0
0
ns
tGHQZ
tDF(1)(2)
OE High to Output High-Z
20
30
ns
tEHQZ
tDF(1)(2)
CE High to Output High-Z
30
40
ns
tWHGL(1)
-
Write Recovery Time Before Read
6
6
µs
SUPPLY CHARACTERISTICS
Limits
Symbol
Parameter
Min
Max.
Unit
VCC
VCC Supply Voltage
4.5
5.5
V
VPPL
VPP During Read Operations
0
6.5
V
VPPH
VPP During Read/Erase/Program
11.4
12.6
V
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
Output floating (High-Z) is defined as the state where the external data line is no longer driven by the output buffer.
(3)
Input Rise and Fall Times (10% to 90%) < 10 ns.
(4)
Input Pulse Levels = 0.45V and 2.4V. For High Speed Input Pulse Levels 0.0V and 3.0V.
(5)
Input and Output Timing Reference = 0.8V and 2.0V. For High Speed Input and Output Timing Reference = 1.5V.
(6)
Low-Z is defined as the state where the external data may be driven by the output buffer but may not be valid.
(7)
For load and reference points, see Fig. 1
INPUT PULSE LEVELS
REFERENCE POINTS
2.0 V
0.8 V
2.4 V
0.45 V
Figure 1. A.C. Testing Input/Output Waveform(3)(4)(5)
Testing Load Circuit (example)
5108 FHD F04
5108 FHD F03
1.3V
DEVICE
UNDER
TEST
1N914
3.3K
CL = 100 pF
OUT
CL INCLUDES JIG CAPACITANCE


Similar Part No. - CAT28F010L-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010LA12 ONSEMI-CAT28F010LA12 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010LA12 ONSEMI-CAT28F010LA12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010LA90 ONSEMI-CAT28F010LA90 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010LA90 ONSEMI-CAT28F010LA90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results

Similar Description - CAT28F010L-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com